Electronic Components Datasheet Search
  English  ▼

X  

BD5259 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BD5259
Description  VOLTAGE DETECTOR IC with adjustable delay time
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BD5259 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BD5259 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5259 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5259 Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5259 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Line-up
Nch open drain output
( BD52XXG/FVE )
CMOS output
( BD53XXG/FVE )
Detection voltage VDET ( V )Ta=25˚C
Detection
voltage
VDET
Hysteresis
voltage
( V, Typ. )
Package
Min.
Typ.
Max.
VDETX 0.05
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
5.2V
5.1V
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
4.2V
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
BD5259G/FVE
BD5258G/FVE
BD5257G/FVE
BD5256G/FVE
BD5255G/FVE
BD5254G/FVE
BD5253G/FVE
BD5252G/FVE
BD5251G/FVE
BD5250G/FVE
BD5249G/FVE
BD5248G/FVE
BD5247G/FVE
BD5246G/FVE
BD5245G/FVE
BD5244G/FVE
BD5243G/FVE
BD5242G/FVE
BD5241G/FVE
BD5240G/FVE
BD5239G/FVE
BD5238G/FVE
BD5237G/FVE
BD5236G/FVE
BD5235G/FVE
BD5234G/FVE
BD5233G/FVE
BD5232G/FVE
BD5231G/FVE
BD5230G/FVE
BD5229G/FVE
BD5228G/FVE
BD5227G/FVE
BD5226G/FVE
BD5225G/FVE
BD5224G/FVE
BD5223G/FVE
BD5359G/FVE
BD5358G/FVE
BD5357G/FVE
BD5356G/FVE
BD5355G/FVE
BD5354G/FVE
BD5353G/FVE
BD5352G/FVE
BD5351G/FVE
BD5350G/FVE
BD5349G/FVE
BD5348G/FVE
BD5347G/FVE
BD5346G/FVE
BD5345G/FVE
BD5344G/FVE
BD5343G/FVE
BD5342G/FVE
BD5341G/FVE
BD5340G/FVE
BD5339G/FVE
BD5338G/FVE
BD5337G/FVE
BD5336G/FVE
BD5335G/FVE
BD5334G/FVE
BD5333G/FVE
BD5332G/FVE
BD5331G/FVE
BD5330G/FVE
BD5329G/FVE
BD5328G/FVE
BD5327G/FVE
BD5326G/FVE
BD5325G/FVE
BD5324G/FVE
BD5323G/FVE
5.812
5.713
5.615
5.516
5.418
5.319
5.221
5.122
5.024
4.925
4.827
4.728
4.630
4.531
4.433
4.334
4.236
4.137
4.039
3.940
3.842
3.743
3.645
3.546
3.448
3.349
3.251
3.152
3.054
2.955
2.857
2.758
2.660
2.561
2.463
2.364
2.266
5.900
5.800
5.700
5.600
5.500
5.400
5.300
5.200
5.100
5.000
4.900
4.800
4.700
4.600
4.500
4.400
4.300
4.200
4.100
4.000
3.900
3.800
3.700
3.600
3.500
3.400
3.300
3.200
3.100
3.000
2.900
2.800
2.700
2.600
2.500
2.400
2.300
5.989
5.887
5.786
5.684
5.583
5.481
5.380
5.278
5.177
5.075
4.974
4.872
4.771
4.669
4.568
4.466
4.365
4.263
4.162
4.060
3.959
3.857
3.756
3.654
3.553
3.451
3.350
3.248
3.147
3.045
2.944
2.842
2.741
2.639
2.538
2.436
2.335
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
SSOP5(SMP5C2)/VSOF5(EMP5)
6.0V
BD5260G/FVE
BD5360G/FVE
5.910
6.000
6.090



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com