Electronic Components Datasheet Search
  English  ▼

X  

BD5259 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BD5259
Description  VOLTAGE DETECTOR IC with adjustable delay time
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BD5259 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BD5259 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5259 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5259 Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5259 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD52XXG/FVE series
BD53XXG/FVE series
High-accuracy detection voltage
Low current consumption
Description
Features
Applications
VOLTAGE DETECTOR IC
with adjustable delay time
1
2
4
5
3
1
2
4
5
3
1pin : RESET output
2pin : Supply voltage
3pin : GND
4pin : N.C.
5pin : CT
(UNIT:mm)
SSOP5(SMP5C2)
(5)
2.9
±0.2
(3)
(4)
(2)
(1)
+0.05
0.13 –0.03
0.95
0.1
0.42 +0.05
–0.04
BD52XXG/FVE, BD53XXG/FVE are series of high-accuracy
detection voltage and low current consumption VOLTAGE
DETECTOR ICs adopting CMOS process.
New lineup of 152 types with delay time circuit have developed
in addition to well-reputed 152 types of VOLTAGE DETECTOR ICs.
Any delay time can be established by using small capacitor due to
high-resistance process technology.
Total 152 types of VOLTAGE DETECTOR ICs including
BD52XXG/FVE series (Nch open drain output) and BD53XXG/
FVE series (CMOS output), each of which has 38 kinds in every
0.1V step (2.3~6.0V) have developed.
1) Detection voltage: 0.1V step line-up 2.3~6.0V (Typ.)
2) High-accuracy detection voltage:
±1.5% (Max.)
3) Ultra low current consumption: 0.95
µA (Typ.)
4) Nch open drain output (BD52XXG/FVE series),
CMOS output (BD53XXG/FVE series)
5) Small VSOF5(EMP5), SSOP5(SMP5C2) package
Every kind of appliances with microcontroller
and logic circuit
BD52XXG
BD53XXG
1pin : RESET output
2pin : SUB
Connect to GND
3pin : CT
4pin : GND
5pin : Supply voltage
BD53XXFVE
BD53XXFVE
BD52XXG/FVE
BD53XXG/FVE
Pin No.
SSOP5(SMP5C2)
VSOF5(EMP5)
Vout
Vout
VDD
VDD
GND
GND
NC.
CT
SUB
CT
1
2
3
4
5
VSOF5(EMP5)
Application Circuit
1.6
±0.05
0.22
±0.05
0.13
±0.05
Lot No.
1
0.5
2
4
5
1.0
±0.05
0.08 M
3
Vout
VDD
Reset
VDD
VDD
GND
CT
Vref
Reset
VDD
Vout
VDD
GND
CT
Vref


Similar Part No. - BD5259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5259 ETC-BD5259 Datasheet
375Kb / 4P
VOLTAGE DETECTOR IC
logo
Rohm
BD5259 ROHM-BD5259 Datasheet
277Kb / 10P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259 ROHM-BD5259 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259 ROHM-BD5259 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259 ROHM-BD5259 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5259

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
Voltage Detector IC Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
Voltage Detector with Delay Time Adjustable
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com