Electronic Components Datasheet Search
  English  ▼

X  

DC0802012H2B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC0802012H2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012H2B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC0802012H2B Datasheet HTML 1Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 2Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 3Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 4Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 5Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 6Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 7Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 8Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
Wakefield-Vette produces a line of DC axial fans used on fan heat sinks which are
commonly used on heatsinks to support BGAs, VGAs and CPU coolers or as chassis fans.
The fans range in size from 30x10mm to 120x38mm with the most common sizes in
between. The fans are available in 12 volt as the most common, but other voltages (5,
24 and 48) are possible upon request. The standard configurations include 2 wire, 3
wire (tach) or 4 wire (PWM) and can be customized to support any range of connectors.


Similar Part No. - DC0802012H2B

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
DC0805-S PROTOADVANTAGE-DC0805-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0805-S PROTOADVANTAGE-DC0805-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0805-S PROTOADVANTAGE-DC0805-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0805-S PROTOADVANTAGE-DC0805-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0805-S PROTOADVANTAGE-DC0805-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
More results

Similar Description - DC0802012H2B

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com