Electronic Components Datasheet Search
  English  ▼

X  

DC0802012H2B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DC0802012H2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012H2B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DC0802012H2B Datasheet HTML 2Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 3Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 4Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 5Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 6Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 7Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 8Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 9Page - List of Unclassifed Manufacturers DC0802012H2B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
•
T0 – 5mm +/-2mm strip length, tinned
•
T1 – Computer connector
•
Molex 22-01-1032 with AMP 60618-4)
•
Pin1 – Negative
•
Pin2 – Positive
•
Pin3 –Tachometer
•
AMP 60618-4
•
Pin1 – Positive
•
Pin2 – Negative
•
T2 – Molex 22-01-1022
•
Pin1 – Positive
•
PIn2 – Negative
•
T3 – Molex 22-01-1032
•
Pin1 – Positive
•
Pin2 – Negative
•
Pin3 – Tachometer
•
T4 – Molex 22-01-1042
•
Pin1 – Positive
•
Pin2 – Negative
•
Pin3 – Tachometer
•
Pin4 -- PWM
Page 6
Termination Information
Typical Ordering Configurations
-2T0 (2 wire, no connector)
-2T2 (2 wire, 2 pin connector)
-3T0 (3 wire, no connector)
-3T1 (3 wire, computer connector)
-3T3 (3 wire, 3 pin connector
-BT0 (4 wire, no connector)
-BT4 (4 wire, 4 pin connector)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com