Electronic Components Datasheet Search
  English  ▼

X  

DC0802012L2B Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DC0802012L2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012L2B Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DC0802012L2B Datasheet HTML 22Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 23Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 24Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 25Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 26Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 27Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 28Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 29Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
•
MOTOR : DC single phase brushless motor
•
FRAME : PBT (94V-0) ; IMPELLER : PBT(94V-0)
•
OPERATING TEMP.: -10°C~70°C
•
STORAGE TEMP.: -40°C~70°C
•
WEIGHT : 57g
•
Dual Ball Bearing
•
Lead Length: 300mm +/- 10mm
•
2 Wire: Standard
•
3 Wire: Tach (FG) Optional
•
4 Wire: PWM Optional
Page 26
60x60x25mm
See page 6 for termination configurations and typical ordering configurations
Description
Size
(mm)
Thickness
(mm)
Rated Voltage
(VDC)
Rated
Current (A)
Rated
Power (W)
Rated Speed
(RPM)
Speed
Code
Max Airflow
(CFM)
Max Pressure
(InAq)
Noise Level
(dB/A)
Tach PWM
DC0602512W2B
60
25
12
0.54
6.48
9800
W
55.5
1.17
66
3
B
DC0602512V2B
60
25
12
0.48
5.76
7500
V
47.9
0.79
63
3
B
DC0602512U2B
60
25
12
0.45
5.40
6800
U
43.8
0.56
56
3
B
DC0602512H2B
60
25
12
0.28
3.36
5000
H
33.6
0.25
40
3
B
DC0602512M2B
60
25
12
0.15
1.80
4250
M
24.0
0.22
34
3
B
DC0602512L2B
60
25
12
0.12
1.44
3600
L
21.5
0.16
31
3
B
DC0602512J2B
60
25
12
0.20
2.40
3100
J
17.1
0.12
26
3
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com