Electronic Components Datasheet Search
  English  ▼

X  

DC0802012L2B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DC0802012L2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012L2B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DC0802012L2B Datasheet HTML 1Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 2Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 3Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 4Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 5Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 6Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 7Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 8Page - List of Unclassifed Manufacturers DC0802012L2B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
Series
Frame
Size(mm)
Thickness(
mm)
Voltage
Speed
Bearing
# of Wires
Termination
DC
40
20
12
H
2B
2
Tx
Frame Size
25
30
40
45
50
60
70
80
92
120
Thickness
10
15
20
25
28
38
Speed
I – “Wicked” Low
J – “Super” Low
L – Low
M – Medium
H – High
U – Ultra High
V – Vortex
W – “Wicked” High
Voltage
5—5VDC
12 -- 12VDC
24 – 24VDC
48 – 48VDC
Bearing
2B – Dual Ball
# of Wires
2 – 2Wire
3 - Tach
B – PWM + Tach
Termination
T0 - No Connector
T1 - Computer
T2 - Molex 22-01-1022
T3 - Molex 22-01-1032
T4- Molex 22-01-1044
DC FANS
Example: DC402012H2B-2Tx
Page 3
Part Numbering Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com