Electronic Components Datasheet Search
  English  ▼

X  

LX550 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LX550
Description  Flexible single and multiple outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX550 Datasheet(HTML) 2 Page - Artesyn Technologies

  LX550 Datasheet HTML 1Page - Artesyn Technologies LX550 Datasheet HTML 2Page - Artesyn Technologies LX550 Datasheet HTML 3Page - Artesyn Technologies LX550 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT
OUTPUT CURRENTS
OUTPUT RIPPLE
MODEL NUMBER
VOLTAGE
MAX (1)
PEAK (2)
RMS
PK-PK
+5.0V
60.0A
100.0A
0.2%
2.0%
LX550-7620
–5.0V
5.0A
10.0A
0.2%
2.0%
–12.0V
5.0A
10.0A
0.2%
2.0%
+12.0V
10.0A
20.0A
0.2%
2.0%
+24.0V
5.0A
10.0A
0.2%
2.0%
24.0V (4)
24.0A
–
0.1%
1.0%
LX550-7624
48.0V (4)
12.0A
–
0.1%
1.0%
LX550-7617
Notes:
1
The multiple output LX550 has a continuous output power rating of 550W.
The single-output versions have a continuous power output rating of
570W. The LX550 cannot operate without fan cooling.
2
Peak power figures for individual outputs on the multiple output unit are
for less than 10 seconds duration. Total output power should not exceed
550W.
3
Fan fitted as standard, see maximum output current specifications.
4
Single output models are adjustable -8%, +16%.
5
A 10% load on the main output is necessary to maintain regulation on the
auxiliaries at full load (multiple output model).
6
The input board is fitted with an autorange circuit as standard which
automatically senses the input voltage and switches to the appropriate
voltage range.
7
Over temperature protection is provided by a thermal switch fitted to the
main transformer. After thermal shutdown (90
°C) the unit must be
powered down and the thermal switch must be allowed cool to 70
°C
before power up.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
Options
•
DC input models for 24V and 48V operation are detailed on page 170.
•
A signals board is available as an option. To order, add the suffix ‘-S’, see
table below.
OPTIONS
SUFFIX
EXAMPLE
None
LX550-7620
Signals
-S
LX550-7620-S
OVERLOAD/SHORT CIRCUIT PROTECTION
The overload/short circuit protection mechanisms are different for the single
output models and the multiple output model.
The single output models will current limit when the output load reaches
105-120% of maximum load during overload or short circuit conditions.
The unit will operate in a constant current mode making the single output
models suitable for battery charging applications.
The multiple output model uses a power limiting function. When the total
output power reaches 600W the outputs will foldback to the values detailed
below:
Output
Foldback Value
+5V
30A continuous
+12V
8A continuous
+24V
4A continuous
–5V/–12V
Protected by 4A Multi Fuse™
The outputs will not foldback until the total output power exceeds the maxi-
mum power limits. This allows the units to have a peak power capability
but it requires that care must be taken not to permanently overload any
individual output. The +5V, +12V and +24V outputs are not individually pro-
tected and it is recommended that the maximum continuous load does not
exceed the value given in the output specifications. The -5V and -12V out-
puts are individually protected by a 4A Multi Fuse™ and the maximum con-
tinuous load should not exceed the value given in the output specifications.
SIGNALS (OPTIONAL)
An optional signals board supplies the following VME utility bus signals:
ACF (AC Fail) Logic 1 to 0 transition occurs >10ms before outputs fall
below 90% of nominal in the event of input failure.
DCF (DC Fail) Logic 0 occurs if output falls below <85%–95% of nominal.
SRS (System Reset) Logic 1 for system OK (AC and DC good and reset
times [200ms])
PM
Power Monitor signal, proportional to the output power, ratio of
10mV/W.
PS
Power Share connections, to be joined for parallel operation of two
or more units, ensuring equal power share. For power share
operation unit outputs need to be set to ±5% of each other and
should be connected in star configurations with the load as star
centre.
OUTPUT CONNECTIONS
MULTI O/P
SINGLE O/P
SIGNALS
1
+5VS
0VS
SRS
2
+5V
0V
ACF
3
+5V
0V
DCF
4
+5V
0V
PM
50V
0V
PS
6
0V
0V
ROF
7
0V
+V
+VS
8
–5V
+V
0V
9
–12V
+V
–
10
+12V
+V
–
11
+24V
+VS
–
12
ROF
ROF
–
INPUT CONNECTIONS
Pin 1
Earth
Pin 2
Neutral
Pin 3
Live
550 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
550W AC
PAGE 2
http://www.artesyn.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com