Electronic Components Datasheet Search
  English  ▼

X  

LX550 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LX550
Description  Flexible single and multiple outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX550 Datasheet(HTML) 3 Page - Artesyn Technologies

  LX550 Datasheet HTML 1Page - Artesyn Technologies LX550 Datasheet HTML 2Page - Artesyn Technologies LX550 Datasheet HTML 3Page - Artesyn Technologies LX550 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
International Safety Standard Approvals:
Multiple output and 24V Single output units are approved to these standards.
Safety approval pending for 48V output model.
EN60950/VDE0805 Reg. File No. 90370
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C/LR101320
ALL DIMENSIONS IN INCHES (mm)
INPUT
1 2
3
4 5
SYSTEM
O. K. LED
SIGNALS
1
8
12
1 2
3 4 5 6
7 8 9 10 11
OUTPUT
11.81 (300)
1.18
(30)
.71
(18)
9.45 (240)
10.39 (264)
2.44
(62)
120 mm FAN + FANGUARD
120 mm FAN + FANGUARD
A
A
A
A
A
A
A
A
Mechanical Notes
A
Input and output connectors are 15 way terminal block, 5mm pitch. 3 way
and 11 way 9.5mm barrier strip with M4 x 8 fixings, 250V 20A. Signals
board connector is 8 way, single row right angle 0.1”, Molex 910210128,
this mates with 90147 1108 or equivalent.
B
Customer fixing screws (A) are M3 isometric. They must not penetrate into
unit by more than 5mm.
137.5W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE (See Note 3, 4)
Output Power (Watts)
FORCED AIR
COOLING
0W
550W
550 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
550W AC
PAGE 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com