Electronic Components Datasheet Search
  English  ▼

X  

LT8646SEVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 6Page - Analog Devices LT8646SEVPBF Datasheet HTML 7Page - Analog Devices LT8646SEVPBF Datasheet HTML 8Page - Analog Devices LT8646SEVPBF Datasheet HTML 9Page - Analog Devices LT8646SEVPBF Datasheet HTML 10Page - Analog Devices LT8646SEVPBF Datasheet HTML 11Page - Analog Devices LT8646SEVPBF Datasheet HTML 12Page - Analog Devices LT8646SEVPBF Datasheet HTML 13Page - Analog Devices LT8646SEVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT8645S/LT8646S
10
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up Dropout Performance
Start-Up Dropout Performance
LT8646S Transient Response;
300mA (Burst Mode Operation) to
1.3A Transient
LT8645S Transient Response;
Internal Compensation
LT8645S Transient Response;
300mA (Burst Mode Operation) to
1.3A Transient
LT8646S Transient Response;
External Compensation
Internal Compensation
2A TO 4A TRANSIENT
12VIN, 5VOUT, fSW = 2MHz
COUT = 100µF, CLEAD = 4.7pF
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
8645S G43
2A TO 4A TRANSIENT
12VIN, 5VOUT, fSW = 2MHz
CC = 330pF, RC = 7.5k
COUT = 100µF, CLEAD = 4.7pF
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
8645S G44
to 1.3A Transient
300mA TO 1.3A TRANSIENT
12VIN, 5VOUT, fSW = 2MHz
COUT = 100µF, CLEAD = 4.7pF
50µs/DIV
VOUT
100mV/DIV
ILOAD
1A/DIV
8645S G45
300mA TO 1.3A TRANSIENT
12VIN, 5VOUT, fSW = 2MHz
CC = 330pF, RC = 7.5k
COUT = 100µF, CLEAD = 4.7pF
50µs/DIV
VOUT
100mV/DIV
ILOAD
1A/DIV
8645S G46
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
2.5 LOAD
(2A IN REGULATION)
8645S G47
VIN
VOUT
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
20 LOAD
(250mA IN REGULATION)
8645S G48
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com