Electronic Components Datasheet Search
  English  ▼

X  

LT8646SEVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LT8646SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SEVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8646SEVPBF Datasheet HTML 14Page - Analog Devices LT8646SEVPBF Datasheet HTML 15Page - Analog Devices LT8646SEVPBF Datasheet HTML 16Page - Analog Devices LT8646SEVPBF Datasheet HTML 17Page - Analog Devices LT8646SEVPBF Datasheet HTML 18Page - Analog Devices LT8646SEVPBF Datasheet HTML 19Page - Analog Devices LT8646SEVPBF Datasheet HTML 20Page - Analog Devices LT8646SEVPBF Datasheet HTML 21Page - Analog Devices LT8646SEVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT8645S/LT8646S
18
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
loads, the current in the feedback resistor divider must
be minimized as it appears to the output as load current.
Inordertoachievehigherlightloadefficiency,moreenergy
must be delivered to the output during the single small
pulses in Burst Mode operation such that the LT8645S/
LT8646Scanstayinsleepmodelongerbetweeneachpulse.
This can be achieved by using a larger value inductor (i.e.,
4.7µH), and should be considered independent of switch-
ing frequency when choosing an inductor. For example,
while a lower inductor value would typically be used for
a high switching frequency application, if high light load
efficiency is desired, a higher inductor value should be
chosen.SeecurveinTypicalPerformanceCharacteristics.
While in Burst Mode operation the current limit of the top
switch is approximately 1.25A (as shown in Figure 3),
resultinginlowoutputvoltageripple.Increasingtheoutput
capacitance will decrease output ripple proportionally. As
load ramps upward from zero the switching frequency
will increase but only up to the switching frequency pro-
grammedbytheresistorattheRTpinasshowninFigure 2a.
The output load at which the LT8645S/LT8646S reaches
the programmed frequency varies based on input voltage,
output voltage, and inductor choice. To select low ripple
Burst Mode operation, tie the SYNC/MODE pin below 0.4V
(this can be ground or a logic low output).
Pulse-Skipping Mode
For some applications it is desirable for the LT8645S/
LT8646S to operate in pulse-skipping mode, offering two
major differences from Burst Mode operation. First is the
clock stays awake at all times and all switching cycles are
aligned to the clock. In this mode much of the internal
circuitry is awake at all times, increasing quiescent cur-
rent to several hundred µA. Second is that full switching
frequency is reached at lower output load than in Burst
Mode operation (see Figure 2b). To enable pulse-skipping
mode, float the SYNC/MODE pin. Leakage current in this
pin should be <1µA. See Block Diagram for internal pull-up
and pull-down resistance.
Spread Spectrum Mode
The LT8645S/LT8646S features spread spectrum opera-
tion to further reduce EMI emissions. To enable spread
spectrum operation, the SYNC/MODE pin should be tied
high to INTVCC (~3.4V) or an external supply of 3V to 4V.
In this mode, triangular frequency modulation is used
to vary the switching frequency between the value pro-
grammed by RT to approximately 20% higher than that
value. The modulation frequency is approximately 3kHz.
For example, when the LT8645S/LT8646S is programmed
to 2MHz, the frequency will vary from 2MHz to 2.4MHz at
Figure 3. Burst Mode Operation
Switching Waveforms,
Burst Mode Operation
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
10µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8645S F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com