Electronic Components Datasheet Search
  English  ▼

X  

NAL25 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NAL25
Description  25W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NAL25 Datasheet(HTML) 2 Page - Artesyn Technologies

  NAL25 Datasheet HTML 1Page - Artesyn Technologies NAL25 Datasheet HTML 2Page - Artesyn Technologies NAL25 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Natural convection cooling (25W maximum).
2
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total reg. limits.
3
Figure is peak-to-peak. Output noise measurements are made across a
50MHz bandwidth using a 12 inch twisted pair, terminated with a 47µF
capacitor.
4
Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits and output voltages adjusted to their factory settings. For multiple
output units to maintain stated regulation then:
0.25
≤ IA / IB ≤ 5, for IB > 0.3A
0.50
≤ IA / IB ≤ 5, for IB < 0.3A
Minimum load must also be 4W to achieve design MTBF.
For maximum output current I(C) on triple-output models, i.e. for
IC = IMax., then IB min. ≥ 0.5A and IB ≥IC.
5
Three orthogonal axes, random vibration, ten minute test for each axis.
6
Derating curve is application specific for ambient temperatures >50°C, for
optimum reliability, no part of the heatsink should exceed 120oC, and no
semiconductor case temperature should exceed 130oC.
7
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
9
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
NAL25 Series
Single and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 25W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: nal25.pdf Rev: 30 Mar 2006
12.5W
25W
Available Output Power V's Ambient Temperature
4W
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
DERATING CURVE (See Notes 6 and 7)
Output Power (Watts)
NATURAL
CONVECTION
COOLING
4W MIN. LOAD REQUIRED TO ACHIEVE DESIGN MTBF
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
MODEL
VOLTAGE
MAX (1)
PEAK (2)
REGULATION (4)
NUMBERS (9)
+ 5.1V (IA)
2.0A
5.0A
50mV
±3.0%
NAL25-7608J
+ 12V (IB)
1.5A
3.0A
120mV
±5.0%
–12V (IC)
0.2A
1.0A
120mV
±5.0%
5V
5.0A
5.0A
50mV
±3.0%
NAL25-7605J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com