Electronic Components Datasheet Search
  English  ▼

X  

NAL25 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NAL25
Description  25W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NAL25 Datasheet(HTML) 3 Page - Artesyn Technologies

  NAL25 Datasheet HTML 1Page - Artesyn Technologies NAL25 Datasheet HTML 2Page - Artesyn Technologies NAL25 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NAL25 Series
Single and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 25W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: nal25.pdf Rev: 30 Mar 2006
0.156 (3.96) Dia. (4 Places)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.2 inches
J2
1
P1
F1
J1
F3.15A, 250VAC
2.55
(64.80)
0.22
(5.59)
3.00
(76.20)
4.55
(115.80)
1
0.22
(5.59)
ALL DIMENSIONS IN INCHES (mm)
T1
AC (J1) mating connector
Molex 09-50-3031 or equiv. with Molex
08-50-0105 or equiv. crimp terminals.
DC (J2) mating connector
Molex 09-91-0600 or equiv. with Molex
08-50-0164 or equiv. crimp terminals.
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Neutral
Pin 2
No Pin
Pin 3
AC Line
P1
Pin 1
Safety Ground
OUTPUT PIN CONNECTIONS
J2
-7605J
-7608J
P1
+Vout
+12V
P2
+Vout
+5.1V
P3
+Vout
+5.1V
P4
Return
Return
P5
Return
Return
P6
Return
-12V
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1076
Licence No. 70567, 1076 and 90354
UL1950 File No. E136005
CSA22.2/950 File No. LR41062C
Certificate No. PS/605107
M
Me
ec
ch
ha
an
niic
ca
all N
No
otte
es
s
A
Ground pad encircling mounting hole near P1 allows system grounding
through a metal stand-off of up to 8mm diameter max. to metal chassis



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com