Electronic Components Datasheet Search
  English  ▼

X  

NFC15 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFC15
Description  Single and dual output 15 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC15 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFC15 Datasheet HTML 1Page - Artesyn Technologies NFC15 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1075
Licence No. 1629
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
NFC15 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 4:1 input voltage range
• Low profile 0.46 inch
• 10.2 Watts/cubic inch
• 80% efficiency
• UL, CSA and VDE safety approvals
• Inhibit/sync function
• Overvoltage protection
• Fixed frequency operation
The NFC15 series of DC/DC converters are economical 15 Watt, hybrid DC/DC
converters that accept input voltages ranging from 20VDC to 72VDC. A
constant efficiency of 80% is maintained over the entire input voltage range.
The isolated floating output can be referenced as either positive or negative, or
stacked in series for higher output voltages. All models include current limited
outputs, overvoltage protection and remote on/off. Packaged in a low profile 2.0
x 1.6 x 0.46 inch case, the NFC15 is ideal for space critical applications in
telecommunications, data communications and distributed power networks.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 116
GENERAL SPECIFICATIONS
Efficiency
80% typical
Isolation voltage
Input/output
500VDC
Switching frequency
Fixed
200kHz ±5.0%
Approvals and
VDE0805, EN60950
standards
IEC950, UL1950
CSA C22.2 No. 950
Case material
Aluminum alloy, hard
black anodized finish
Cover material
10% glass reinforced
polyetherimide GE ULTEM
#2110 or equivalent
Material flammability
UL94V-0
Weight
45g (1.6oz)
MTBF
MIL-HDBK-217F
>436,000 hours
Bellcore 332
>950,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-25°C to +60°C
(See Graph 2)
Option (See Note 6)
-40°C to +60°C
Non-operating amb.
-55°C to +125°C
Max. case temperature,
+105°C max.
(See Note 7)
Derating
See curve
Cooling
Free air convection cooled
OUTPUT SPECIFICATIONS
Voltage accuracy
Single output
±1.0%
Dual output
±1.5%
Voltage adjustability
All outputs
±10%
Line regulation
LL to HL at FL, singles
±0.5% max.
LL to HL at FL, duals
±0.5% max.
Load regulation
FL to NL, single output
±1.0% max.
FL to NL, dual output
±5.0% max.
Ripple and noise
5Hz to 20MHz
75mV pk-pk max.
15mV rms
Temperature coefficient
±0.02%/°C, max.
Overvoltage protection
See table
Clamp
Short circuit protection
Continuous
(See Note 8)
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
48VDC nominal
20 to 72VDC
Input filter (See Note 5)
External capacitor
Input current
No load
15mA
Full load
400mA
Remote ON/OFF
Logic compatibility
CMOS/TTL
Logic on
Logic high or open
Logic off
Logic low or Jumper
pin 2 and 4
Frequency
Switching frequency
synchronization
±10%
Synchronization
Negative going pulse
function
on pin 4 max.
25% duty cycle
Surge protection
100V for 100ms


Similar Part No. - NFC15

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
NFC1520 SUMIDA-NFC1520 Datasheet
296Kb / 1P
AC Common Mode Choke Coils
More results

Similar Description - NFC15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3C01 RSG-EC3C01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com