Electronic Components Datasheet Search
  English  ▼

X  

NFC15 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFC15
Description  Single and dual output 15 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC15 Datasheet(HTML) 2 Page - Artesyn Technologies

  NFC15 Datasheet HTML 1Page - Artesyn Technologies NFC15 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
1
Nominal input voltage is 48VDC.
2
Maximum figure, at full load.
3
Measured from low line to high line at full load.
4
Measured from full load to no load.
5
An external filter capacitor, connected across the inputs, is required for
normal operation. Capacitor should be capable of handling 600mA ripple
current. Suitable capacitor: Nippon Chemi-Con SXE series, 56µF, 100V.
6
As a factory added option, the NFC15-48S15 can be operated down to
–40°C. The suffix ‘–4’ should be added to the model number when
ordering, e.g. NFC15-48S15-4.
7
Maximum case temperature must not be exceeded. Derating curve may
be extended or restricted depending on cooling.
8
Long term continuous operation into a short circuit will compromise the
reliability of the unit.
2.00
(50.8)
0.46
(11.7)
1.60
(40.6)
1
2
3
4
5
6
7
8
0.60
(15.2)
0.70
(17.8)
0.50
(12.70)
1.80
(45.70)
0.040 Dia.
(1.0)
Stand-off
0.020
± 0.010
0.40
(10.2)
0.20
(5.1)
0.10 (2.5)
0.15 (3.8) Min.
BOTTOM
VIEW
ALL DIMENSIONS IN INCHES (mm)
0.40
(10.2)
0.40
(10.2)
0.70
(17.8)
MAXIMUM CASE TEMPERATURE UNDER ANY OPERATING CONDITION IS 105
°C
Graph 2 : Operating Limits and Output Power Range
0W
15W
NATURAL
CONVECTION
COOLING
VIN
≤ 60V
VIN > 60V
-40
°C
-20
°C0°C20°C40°C60°C80°C
100
°C
10 K
TRIMPOT
TRIM
UP
TRIM
DOWN
6
8
7
6
8
7
RTU
RTD
8
10K
INPUT
OUTPUT
OVP
OUTPUT
INPUT
TYPICAL
REGULATION
MODEL
VOLTAGE (1)
VOLTAGE
CURRENT
CURRENT (2)
EFFICIENCY
LINE (3)
LOAD (4)
NUMBER
20-72VDC
5VDC
6.2VDC
3000mA
400mA
79%
±0.5%
±1%
NFC15-48S05
20-72VDC
12VDC
15VDC
1250mA
400mA
81%
±0.5%
±1%
NFC15-48S12
20-72VDC
15VDC
18VDC
1000mA
400mA
81%
±0.5%
±1%
NFC15-48S15 (6)
20-72VDC
±12VDC
30VDC
±625mA
400mA
80%
±0.5%
±5%
NFC15-48D12
20-72VDC
±15VDC
36VDC
±500mA
400mA
80%
±0.5%
±5%
NFC15-48D15
15 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
15W DC/DC
PAGE 117
http://www.artesyn.com
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed
by ±10% using either method shown below.
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
1
+ Input
+ Input
2
– Input
– Input
3
No Pin
No Pin
4
Control
Control
5
No Pin
+ Output
6
+ Output
Common
7
– Output
– Output
8
Trim
Trim
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com