Electronic Components Datasheet Search
  English  ▼

X  

NFC20 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFC20
Description  Single and dual output 20 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC20 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFC20 Datasheet HTML 1Page - Artesyn Technologies NFC20 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
20W
-40
° C -20° C0° C20° C40° C60° C80° C
100
° C
105
° C
DERATING CURVE
Output Power (Watts)
Ambient Temperature
NFC20 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 20 Watts output power
• Power density 13.6W/in3
• 2:1 input voltage range
• Remote ON/OFF control
• UL, CSA and VDE safety approvals
• Overvoltage protection
• Extended operating temperature range
• Fixed switching frequency
The NFC20 series of DC/DC converters offers 20 Watts of output power from
the industry standard 2 x 1.6 x 0.46 inch case without a heatsink. Advantages of
the NFC20 include increased power density, fixed switching frequency, tight line
and load regulation, reduced board area requirements and many standard
features. Among these features are remote on/off control, overvoltage
protection, synchronization function and an extended operating temperature
range option. Input voltage ranges of 18-36VDC and 36-72VDC mean that the
NFC20 is ideally suited to process control, industrial automation, distributed
power and telecommunications applications.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 120
GENERAL SPECIFICATIONS
Efficiency
83% typical
Isolation voltage
Input/output
1000VAC/710VDC
Switching frequency
Fixed
200kHz ±5.0%
Approvals and
VDE0805, EN60950
standards
IEC950, UL1950
CSA C22.2 No. 950
Case material
Aluminum alloy, hard
black anodized finish
Cover material
10% glass reinforced
polyetherimide GE ULTEM
#2110 or equivalent
Material flammability
UL94V-0
Weight
45g (1.6oz)
MTBF
MIL-HDBK-217F
260,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-25°C to +60°C
Option (See Note 6)
-40°C to +60°C
Non-operating amb.
-55°C to +125°C
Max. case temperature,
+110°C max.
Derating
See curve
Cooling, vertical mount
Free air
convection cooled
OUTPUT SPECIFICATIONS
Voltage accuracy
±0.5%
Voltage adjustability
All outputs
±10%
Line regulation
LL to HL, single output
±0.1%
LL to HL, dual output
±0.1%
Load regulation
FL to NL, single output
±0.5%, max.
FL to NL, dual output
±3.0%, max.
Ripple and noise
Singles
75mV pk-pk, max.,
(5Hz to 20MHz)
20mV rms
Duals
100mV pk-pk, max.
Temperature coefficient
±0.02%/°C max.
Overvoltage protection
Single output
125% Vout
Dual output
125% Vout total
Short circuit protection
(See Note 7)
Continuous
(Clamp)
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
24VDC
18 to 36VDC
48VDC
36 to 72VDC
No load input current
20mA
Input filter
(See Note 5)
External capacitor
Surge protection
24VDC
50V for 100ms
48VDC
100V for 100ms
Remote ON/OFF
Logic compatibility
CMOS/TTL
Logic ON
Logic high or open
Logic OFF
Logic low or Jumper
pin 2 and 4
Frequency
Switching frequency
synchronization
±10%
Synchronization
Negative going pulse
function
on pin 4, max. 25%
duty cycle


Similar Part No. - NFC20

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC25-12T05-12J ARTESYN-NFC25-12T05-12J Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC25-12T05-15-AJ ARTESYN-NFC25-12T05-15-AJ Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC25-24T05-12J ARTESYN-NFC25-24T05-12J Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC25-24T05-15J ARTESYN-NFC25-24T05-15J Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
More results

Similar Description - NFC20

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
Single and dual output 3 to 5 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com