Electronic Components Datasheet Search
  English  ▼

X  

NFC20 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFC20
Description  Single and dual output 20 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC20 Datasheet(HTML) 2 Page - Artesyn Technologies

  NFC20 Datasheet HTML 1Page - Artesyn Technologies NFC20 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
1
Nominal input voltages are 24VDC and 48VDC.
2
Maximum figure, at full load.
3
Measured from low line to high line at full load.
4
Measured from full load to no load.
5
An external capacitor, connected across the input is required for normal
operation. The capacitor should be capable of withstanding 600mA of
ripple current. Recommended capacitors: Nippon Chemi-Con SXE series,
56µF/100V for the NFC20-48xxx and the Nippon Chemi-Con LXF series,
560µF/50V for the NFC20-24xxx.
6
Extended operating temperature range is available on the following
models: NFC20-24S05, -24S12, -24S15, -48S05, -48S12 and -48S15.
The suffix –4 must be added to the NFC20 model number,
e.g. NFC20-48S05-4.
7
Long term continuous operation into a short circuit will compromise the
reliability of the unit.
2.00
(50.8)
0.46
(11.7)
1.60
(40.6)
1
2
3
4
5
6
7
8
0.70
(17.8)
0.60
(15.2)
0.70
(17.8)
0.50
(12.7)
1.80
(45.7)
0.040 Dia.
(1.0)
Stand-off
0.020
± 0.010
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.20
(5.1)
0.10 (2.5)
0.15 (3.8) Min.
BOTTOM
VIEW
ALL DIMENSIONS IN INCHES (mm)
TOLERANCES .XX =
±0.02, .XXX = ±0.005
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1074
Licence No. 1628
UL1950 Reg. File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Output can be externally trimmed
by ±10% using either method shown below
INPUT
OUTPUT
OVP
OUTPUT
INPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE (1)
VOLTAGE
CURRENT
CURRENT (2)
LINE (3)
LOAD (4)
NUMBER
18-36VDC
5VDC
6.2VDC
4000mA
1083mA
81%
±0.1%
±0.5%
NFC20-24S05
18-36VDC
12VDC
15VDC
1670mA
1030mA
83%
±0.1%
±0.5%
NFC20-24S12
18-36VDC
15VDC
18VDC
1330mA
1030mA
83%
±0.1%
±0.5%
NFC20-24S15
18-36VDC
±12VDC
30VDC
±833mA
1040mA
83%
±0.1%
±3%
NFC20-24D12
18-36VDC
±15VDC
36VDC
±666mA
1030mA
84%
±0.1%
±3%
NFC20-24D15
36-72VDC
5VDC
6.2VDC
4000mA
527mA
82%
±0.1%
±0.5%
NFC20-48S05
36-72VDC
12VDC
15VDC
1670mA
515mA
83%
±0.1%
±0.5%
NFC20-48S12
36-72VDC
15VDC
18VDC
1330mA
515mA
83%
±0.1%
±0.5%
NFC20-48S15
36-72VDC
±12VDC
30VDC
±833mA
510mA
85%
±0.1%
±3%
NFC20-48D12
36-72VDC
±15VDC
36VDC
±666mA
505mA
86%
±0.1%
±3%
NFC20-48D15
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
1
+ Input
+ Input
2
– Input
– Input
3
No Pin
No Pin
4
Control
Control
5
No Pin
+ Output
6
+ Output
Common
7
– Output
– Output
8
Trim
Trim
20 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
20W DC/DC
PAGE 121
http://www.artesyn.com
10K
TRIM
UP/DOWN
TRIM
DOWN
TRIM
UP
+ OUT
TRIM
- OUT
Connections for Output Voltage Trim
EXTERNAL OUTPUT TRIMMING
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com