Electronic Components Datasheet Search
  English  ▼

X  

KPS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KPS
Description  Power Wirewound Resistors | Radial | Fiber glass core | coated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KPS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KPS Datasheet HTML 1Page - List of Unclassifed Manufacturers KPS Datasheet HTML 2Page - List of Unclassifed Manufacturers KPS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPS Series Datasheet
1
2
Type
KPS200
KPS400
KPS500
KPS650
KPS800
Historical Part Number
Pin long
KP290 – 0
KP292 – 0
KP294 – 0
KP296 – 0
KP298 – 0
Pin short
KP290 – 1
KP292 –1
KP294 – 1
KP296 – 1
KP298 – 1
Derating Linear
[ºC]
70…350 (0W)
Climatic Category
55/200/56
Failure Rate
(Total
, ϑ
0 ,
max, 60[%] cont. lev.)
[10-9 h-1]
appr. 100 depends on value
Endurance
IEC60115-1 clause 4.25
(P70, @ 70[°C], 1000[h])
±[%]
3,0
Damp Heat, Steady State
IEC60115-1 clause 4.24
(40[°C], 93[% r.h.], 56[d])
±[%]
2,0
Climatic Sequence
IEC60115-1 clause 4.23
(260±5[°C], 10±1[s])
±[%]
2,0
Resistance to Soldering Heat
IEC60115-1 clause 4.18
(260±5[°C], 10±1[s])
±[%]
0,2
Terminal Strength
±[%]
1,0
Terminal Tensile Strength
[N]
40
Solderability
IEC60068-2-20
(245±5[ºC] 3±0,5[s])
Solder bath method (> 95% coverage)
Marking
IEC60062
On termination; value 3 digits, Tolerance, Production date code
New
P/Nr.
Type
Historical
P/N:
± 10
[%]
± 5
[%]
New P/Nr.
Type
Historical
P/N:
400 ± 50 ppm/K
-20 ± 60 ppm/K
0 ± 10 ppm/K
KPS200
KP290 - 0 / -1
0R1
0R2
KPS200
KP290 - 0 / -1
≥ 0R1
≤ 0R27
≥ 0R3
≤ 510R
≥ 560R
≤ 7K5
KPS400
KP292 - 0 / -1
0R15
0R3
KPS400
KP292 - 0 / -1
≥ 0R15
≤ 0R56
≥ 0R62
≤ 620R
≥ 680R
≤ 11K
KPS500
KP294 - 0 / -1
0R27
0R47
KPS500
KP294 - 0 / -1
≥ 0R27
≤ 0R62
≥ 0R68
≤ 1K1
≥ 1K2
≤ 20K
KPS650
KP296 - 0 / -1
0R39
0R68
KPS650
KP296 - 0 / -1
≥ 0R39
≤ 1R3
≥ 1R5
≤ 1K6
≥ 1K8
≤ 27K
KPS800
KP298 - 0 / -1
0R47
0R91
KPS800
KP298 - 0 / -1
≥ 0R47
≤ 1R6
≥ 1R8
≤ 2K
≥ 2K2
≤ 36K
RESISTANCE RANGE (minimum)
TEMPERATURE COEFFICIENT
Solder Joints



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com