Electronic Components Datasheet Search
  English  ▼

X  

KPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KPS
Description  Power Wirewound Resistors | Radial | Fiber glass core | coated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KPS Datasheet HTML 1Page - List of Unclassifed Manufacturers KPS Datasheet HTML 2Page - List of Unclassifed Manufacturers KPS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1
KPS Series Datasheet
Power Wirewound Resistors | Radial | Fiber glass core | coated
Type
KPS200
KPS400
KPS500
KPS650
KPS800
Historical Part Number
Pin long (L0)
KP290 - 0
KP292 - 0
KP294 - 0
KP296 - 0
KP298 - 0
Pin short (S0)
KP290 - 1
KP292 - 1
KP294 - 1
KP296 - 1
KP298 - 1
Nominal Power Rating
P70
[W]
2,0
4,0
5,0
6,5
8,0
Resistance Range
(Other values upon request)
[Ω]
Min.
Please check the table below
Max.
7K5
11K
20K
27K
36K
E-Series (preferred)
E24 = 5% ; E12 = 10% (Other upon request)
Tolerances
±[%]
J = 5% ; K = 10%
Temperature Coefficient
±[10-6*K-1]
Depends on the value, please check the table below
Working Temperature Range
[ºC]
-55 … +350
Thermal Resistance
[KW-1]
140
70
56
43
35
Max. Working Voltage
[V]RMS
Dielectric Withstanding Voltage
IEC115-1 clause 4.7 (1[min])
[V]RMS
75
Type
Historical P/N:
L max.
RM
H
X max.
KPS200…L0
KP290 – 0
18,0
10 +1,0
17
3
KPS400…L0
KP292 – 0
23,3
15 +1,0
KPS500…L0
KP294 – 0
33,4
25 +1,0
KPS650…L0
KP296 – 0
43,5
35 +1,0
KPS800…L0
KP298 – 0
53,7
45 +1,0
KPS200…S0
KP290 – 1
18,0
10 +0,8
8
1,7
KPS400…S0
KP292 – 1
23,3
15 +0,8
KPS500…S0
KP294 – 1
33,4
25 +0,8
KPS650…S0
KP296 – 1
43,5
35 +0,8
KPS800…S0
KP298 – 1
53,7
45 +0,8
PCB pluggable style
Pulse version available
RoHs & REACH Compliant
New SAP Part Nr.:
KPS
400
J
B
-
RD-
100R
L0
Serie
Power rating
Tol.
Pack-Code
TCR
Forming type
R Value
Special
J = ±5%
K = ±10%
B = Bulk
- Base on
spec.
RD- Radial
L0 = Pin long (old -0)
S0 = Pin short (old -1)
Historical VTM Part Nr.:
KP292 – 0
5
B
100R
Type
Tol.
Pack-Code
R Value
±5% = J
±10% = K
B = Bulk
KP292 – 1
5
B
100R
Type
Tol.
Pack-Code
R Value
±5% = J
±10% = K
B = Bulk
Industrial
Power &
Energy


Similar Part No. - KPS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPS TDK-KPS Datasheet
231Kb / 2P
5 to 15W AC-DC Board Mount Power Supplies
logo
Schurter Inc.
KPS SCHURTER-KPS Datasheet
77Kb / 2P
The overvoltage protection element diverts overvoltages
logo
Sensata Technologies, I...
KPS SENSATA-KPS Datasheet
277Kb / 2P
CRANKCASE VENTILATION SENSORS
Rev:07/31/18
logo
HK TO-GRACE TECHNOLOGY ...
KPS-3227SP1C TO-GRACE-KPS-3227SP1C Datasheet
729Kb / 3P
Ambient Light Photo Sensor
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
RGB Color Sensor
More results

Similar Description - KPS

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
logo
KOA Speer Electronics, ...
BWR3CN100J KOA-BWR3CN100J Datasheet
585Kb / 4P
rectangular type wirewound resistors with glass core
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
Cement Coated Wirewound Resistors
logo
TT Electronics.
SPP2UL6R80JLF TTELEC-SPP2UL6R80JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
SPP2UL33R0JLF TTELEC-SPP2UL33R0JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
Vishay Siliconix
CMS VISHAY-CMS Datasheet
123Kb / 4P
Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
24-Mar-15
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
List of Unclassifed Man...
KHS ETC-KHS Datasheet
618Kb / 4P
Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com