Electronic Components Datasheet Search
  English  ▼

X  

62035 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62035
Description  JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62035 Datasheet(HTML) 1 Page - Micropac Industries

  62035 Datasheet HTML 1Page - Micropac Industries 62035 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62035
1N6092
1N6093
JAN AND JANTX QUALIFIED,
1N6094
HERMETIC LED INDICATORS
09/22/03
Features:
•
Hermetically sealed
•
Choice of colors (Red, Yellow, Green)
•
Wide Viewing Angle
•
Panel Mount versions with wire wrappable leads
•
Designed for Hi-Reliability applications
Applications:
•
P.C. Board Fault Indicator
•
Logic Status Indicator
•
Binary Data Display
•
Power supply on/off indicator
DESCRIPTION
The 1N6092, 1N6093 and 1N6094 series indicators are hermetically sealed in TO-46 packages. A tinted diffused dome lens
provides good on/off contrast and a wide viewing angle. The 1N6092 (red) and 1N6093 (yellow) indicators utilize a high
efficiency GaAsP on GaP LED, while the 1N6094 (green) indicator utilizes a GaP on GaP LED. Each type uses a colored
diffused plastic lens over a glass window. All versions are available in standard, JAN or JANTX screened levels.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ........................................................................................................................................................................ 5Vdc
Power Dissipation (Note 1) ....................................................................................................................................................120mW
Forward Current-Continuous (Note 2) ..................................................................................................................................... 35mA
Storage Temperature.............................................................................................................................................. -65°C to +100°C
Operating Temperature........................................................................................................................................... -55°C to +100°C
Lead Soldering Temperature (10 seconds, 1/16” from case) ................................................................................................. 260°C
Maximum Mounting Torque (Panel mount version) ..............................................................................................................25in•lbs
NOTES :
1.
Derate at the rate of 1.6 mW/°C above 25°C.
2.
Derate at the rate of 0.46 mW/°C above 25°C.
Indicator Dimensions
Panel Mount Dimensions
Schematic Diagram
NOTES:
0.139 [3.53]
0.133 [3.38]
CATHODE
1. ALL EXTERNAL METAL SURFACES OF THE PACKAGE
ARE BLACK ANODIZED EXCEPT FOR THE ALODINE
AREA OF THE FLANGE AND THE GOLD-PLATED LEADS.
2. MOUNTING HARDWARE WHICH INCLUDES ONE LOCK
WASHER AND ONE HEX NUT IS INCLUDED WITH EACH
PANEL MOUNTABLE HERMETIC SOLID STATE LAMP.
ALODINE
0.312-32 UNF-2A
0.372 [9.45]
0.420 [10.67]
0.089 [2.26]
0.425 [10.80]
0.021 [0.53]
CATHODE
0.520 [13.21]
0.500 [12.70]
0.070 [1.78]
0.060 [1.52]
0.583 [14.81]
0.500 [12.70]
0.025 [0.64] NOM
0.105 [2.67]
0.095 [2.41]
K
A
Ø0.028 [0.71]
Ø0.022 [0.56]
0.190 [4.83]
0.176 [4.47]
0.225 [5.72]
0.180 [4.57]
0.024 [0.62]
0.016 [0.41]
1.030 [26.16]
0.970 [24.64]
GOLD PLATED
KOVAR
TINTED
DIFFUSED
DOME
Ø0.220 [5.59]
Ø0.200 [5.08]
0.055 [1.39]
0.045 [1.14]
0.045 [1.14]
0.035 [0.89]
0.042 [1.07]
0.032 [0.81]
CATHODE
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Ø0.388 [9.86]
Ø0.373 [9.47]
0.020 [0.51]
0.016 [0.41]


Similar Part No. - 62035

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
JAN AND JANTX QUALIFIED
logo
Wurth Elektronik GmbH &...
62035124022 WURTH-62035124022 Datasheet
715Kb / 1P
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
More results

Similar Description - 62035

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N22 MICROPAC-4N22 Datasheet
94Kb / 4P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
JAN QUALIFIED HERMETIC LED INDICATORS
logo
Micropac Industries
1N6609 MICROPAC-1N6609 Datasheet
114Kb / 2P
JAN AND JANTX QUALIFIED, HI-BRITE HERMETIC LED INDICATORS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
62035 MICROPAC-62035 Datasheet
54Kb / 2P
JAN AND JANTX QUALIFIED
62041 MICROPAC-62041 Datasheet
54Kb / 2P
JAN AND JANTX QUALIFIED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com