Electronic Components Datasheet Search
  English  ▼

X  

62035 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62035
Description  JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62035 Datasheet(HTML) 2 Page - Micropac Industries

  62035 Datasheet HTML 1Page - Micropac Industries 62035 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62035
1N6092
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
1N6093
1N6094
09/22/03
ELECTRICAL/OPTICAL CHARACTERISTICS
TA=25°C
PART
NUMBER
COLOR
TEST
CONDITION
PARAMETER LIMITS
IF
PEAK
λ
IV1θ = 0°
IV2 θ = 30°
VF
C
mA
TYP.
MIN.
MIN.
MAX.
MAX.
62035-1XX
RED
20
635
3 mcd
1.5 mcd.
3V
100pF
62035-2XX
YELLOW
20
585
3 mcd
1.5 mcd.
3V
100pF
62035-3XX
GREEN
20
570
3 mcd
1.5 mcd.
3V
100pF
Relative Luminous Intensity
Relative Luminous Intensity
vs
vs.
Forward Current
Angular Displacement
(Normalized at 20 mA)
5
10
15
20
30
25
0 . 00
0 . 25
0 . 50
0 . 75
1 . 00
1 . 25
1 . 50
1 . 75
2 . 00
0
20
40
80
60
100
0
10
30
50
70
90
0.25
0.5
0
0.7
5
1.0
1.25
90
80
70
60
50
40
30
20
10
0
IF - Forward Current – mA
Angular Displacement
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward
IF
20
35
mA
Operating Temperature
TA
-65
+100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
CONTROLLING MIL DOCUMENT
62035-101
Commercial, Red LED, TO-46
1N6092
62035-102
JAN Screened, Red LED, TO-46
MIL-PRF-19500/519C
62035-103
JANTX Screened, Red LED, TO-46
MIL-PRF-19500/519C
62035-111
Commercial, Red LED, Panel Mount
62035-112
JAN Screened, Red LED, Panel Mount
MIL-PRF-19500/519C
62035-113
JANTX Screened, Red LED, Panel Mount
MIL-PRF-19500/519C
62035-201
Commercial, Yellow LED, TO-46
1N6093
62035-202
JAN Screened, Yellow LED, TO-46
MIL-PRF-19500/520C
62035-203
JANTX Screened, Yellow LED, TO-46
MIL-PRF-19500/520C
62035-211
Commercial, Yellow LED, Panel Mount
62035-212
JAN Screened, Yellow LED, Panel Mount
MIL-PRF-19500/520C
62035-213
JANTX Screened, Yellow LED, Panel Mount
MIL-PRF-19500/520C
62035-301
Commercial, Green LED, TO-46
1N6094
62035-302
JAN Screened, Green LED, TO-46
MIL-PRF-19500/521C
62035-303
JANTX Screened, Green LED, TO-46
MIL-PRF-19500/521C
62035-311
Commercial, Green LED, Panel Mount
62035-312
JAN Screened, Green LED, Panel Mount
MIL-PRF-19500/521C
62035-313
JANTX Screened, Green LED, Panel Mount
MIL-PRF-19500/521C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com