Electronic Components Datasheet Search
  English  ▼

X  

MS2-FTK Datasheet(PDF) 1 Page - Fluke Corporation

Part # MS2-FTK
Description  SimpliFiber® Pro
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

MS2-FTK Datasheet(HTML) 1 Page - Fluke Corporation

  MS2-FTK Datasheet HTML 1Page - Fluke Corporation MS2-FTK Datasheet HTML 2Page - Fluke Corporation MS2-FTK Datasheet HTML 3Page - Fluke Corporation MS2-FTK Datasheet HTML 4Page - Fluke Corporation MS2-FTK Datasheet HTML 5Page - Fluke Corporation MS2-FTK Datasheet HTML 6Page - Fluke Corporation MS2-FTK Datasheet HTML 7Page - Fluke Corporation MS2-FTK Datasheet HTML 8Page - Fluke Corporation MS2-FTK Datasheet HTML 9Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet: SimpliFiber® Pro
Datasheet: SimpliFiber® Pro
See how Fluke Networks' suite of innovative installation and test
solutions improves technician productivity and ensures cabling
system performance.
SimpliFiber Pro is an improved fiber test set that simplifies and shortens the front-line
testing process by:
Reducing the multiple steps and using a simultaneous dual-wavelength testing
feature to measure the range of power levels in just half the time
Allowing for a non-touch solution to check for a live fiber without having to plug
into ports
Enabling a network technician to do time-consuming procedures that normally
require a team
SimpliFiber Pro Optical Fiber Test Kits provide you with all the tools you need to help
you verify proper installation and maintain fiber-optic cabling systems. Available in
kits or a la carte, these tools are simple and effective and provide you with the
capability to measure loss and power levels, locate faults and polarity issues, and
inspect connector end-faces.
A system approach
SimpliFiber Pro is a product suite that allows you to match products and functionality
to your needs. SimpliFiber Pro is made up of five unique fiber platforms: the power
meter, the multimode source, two singlemode sources, and the FindFiber™ Remote
ID source. Each platform has uniquely competitive features, bundled in convenient
kits, to meet the needs of today's technicians.
The optical power meter is included in all kits and is calibrated for accuracy at six
different wavelengths (850, 1300, 1310, 1490, 1550, 1625). The meter features the
ability to save a reference power level, allowing a direct display of fiber loss. It also
has an intuitive four-button panel, a large LCD display screen, and a serial port. The
meter’s single connector permits simple network connection and straightforward
reference power measurement. Interchangeable connector adapters are available in
the most popular connector styles.
SimpliFiber Pro makes testing
simple
Fluke Networks' SimpliFiber® Pro
Optical Power Meter incorporates
new and innovative features to give
technicians a tool that performs and
reports test results like no otherfirst-
line fiber test tool can.
The only way to accurately test and
verify the performance of your fiber-
optic network is with test equipment
designed for the job. The
SimpliFiber® Pro Optical Power
Meter and Fiber Test Kits is a suite
of affordable and easy-to-use fiber
verification test solutions. Today's
high bandwidth premise networks
heavily rely on fiber-optic
infrastructure. Proper installation
and maintenance of fiber cabling is
imperative to improve technician
productivity and ensure cabling
system performance.
1 of 11


Similar Part No. - MS2-FTK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MS2-A MURATA1-MS2-A Datasheet
56Kb / 3P
CERAMIC FILTER
MS2-A MURATA1-MS2-A Datasheet
404Kb / 23P
CERAMIC FILTER (CERAFIL®) For FM Receivers
logo
Festo Corporation.
MS2-LF-M5-C-P-M-B FESTO-MS2-LF-M5-C-P-M-B Datasheet
67Kb / 1P
Filter
MS2-LF-M5-C-P-M-F1A-B FESTO-MS2-LF-M5-C-P-M-F1A-B Datasheet
68Kb / 1P
Filter
MS2-LF-QS6-C-P-M-B FESTO-MS2-LF-QS6-C-P-M-B Datasheet
68Kb / 1P
Filter
More results

Similar Description - MS2-FTK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
TVText Pro
logo
Tyco Electronics
58530-1 MACOM-58530-1 Datasheet
185Kb / 5P
PRO-CRIMPER II
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Level One
PLI-3110 LVL1-PLI-3110 Datasheet
234Kb / 3P
HomePlug Pro PoE
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
mikroBUS Xplained Pro
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
logo
AAEON Technology
UPN-EDGE-APLC2F-A10-0232 AAEON-UPN-EDGE-APLC2F-A10-0232 Datasheet
498Kb / 2P
UP Squared Pro EDGE System with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
logo
Norgren Ltd
T92T NORGREN-T92T Datasheet
584Kb / 3P
T92T Excelon® Pro Lockout/shut-off valve
03/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com