Electronic Components Datasheet Search
  English  ▼

X  

MS2-FTK Datasheet(PDF) 4 Page - Fluke Corporation

Part # MS2-FTK
Description  SimpliFiber® Pro
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

MS2-FTK Datasheet(HTML) 4 Page - Fluke Corporation

  MS2-FTK Datasheet HTML 1Page - Fluke Corporation MS2-FTK Datasheet HTML 2Page - Fluke Corporation MS2-FTK Datasheet HTML 3Page - Fluke Corporation MS2-FTK Datasheet HTML 4Page - Fluke Corporation MS2-FTK Datasheet HTML 5Page - Fluke Corporation MS2-FTK Datasheet HTML 6Page - Fluke Corporation MS2-FTK Datasheet HTML 7Page - Fluke Corporation MS2-FTK Datasheet HTML 8Page - Fluke Corporation MS2-FTK Datasheet HTML 9Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ensure smooth, clean fiber connections
The FI-500 FiberInspector™ Micro removes the hassle associated with inspecting fiber end faces, especially in low light and high
cable density situations. It is very simple to use: Simply plug the cable into the FI-500 and touch the AF button. Within seconds, the
fiber endface comes into sharp, clear view. And if you're working in a difficult to reach place or you can't get the image to stand still,
just touch the pause button to freeze the image.- PortBright™ illumination to see ports in dark and dense panels.
Autofocus for stable images in a few seconds
Large display to view single mode and multimode fiber end faces
Auto-center moves the fiber ferule clearly into the frame for precision inspection
Includes 4 UPC tips (LC, SC, 1.25 mm and 2.50 mm). APC and ARINC 801 tips are also available
Verify and locate faults
Diagnose and repair simple fiber link problems with Fluke Networks’ VisiFault™ Visual Fault Locator (VFL). The laser-powered
VisiFault locates fibers, verifies continuity and polarity, and helps find breaks in cables, connectors, and splices. Continuous and
flashing modes make for easier identification. Compatible with 2.5 mm and 1.25 mm (with optional adapter) connectors for easy
connection.
Reporting made simple
Manage test results, print professional reports, or export data into spreadsheet formats. SimpliFiber Pro can internally store up to
1000 test results which can then be uploaded to your PC using the included LinkWare™ Cable Test Management Software.
Features
Dual-wavelength testing
CheckActive™
FindFiber Remote ID
Auto wavelength
USB port
Saves 1000 results
Min/max
Six calibrated wavelengths
4 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com