Electronic Components Datasheet Search
  English  ▼

X  

MS22073-5 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MS22073-5
Description  Sub-Miniature Precision Circuit Breaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MS22073-5 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MS22073-5 Datasheet HTML 1Page - Eaton All Rights Reserved. MS22073-5 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series 4001
Sub-Miniature Precision Circuit Breaker
The space-qualified product uti-
lizes the same internal design.
Single-Pole High
Performance
Qualified
To MS22073 of MIL-C-5809
Lightweight
Under 33 grams (.073 lbs)
High Interrupting Capacity
Interrupts up to 6,000A circuit at
30V, DC; and up to 3,500A cir-
cuit at 120V, 400 Hz. AC.
Not Sensitive To Frequency Or
Voltage
Breaker may be used on either
AC or DC circuits.
Performance Rated Circuit
Breaker
Meets or exceeds military speci-
fication requirements for durabil-
ity, vibration, mechanical shock,
and acceleration.Precision inter-
nal design provides a time-tem-
perature characteristic capable
of protecting either wire or
equipment. With a case 1 1/2
inches long, the breaker weighs
less than 33 grams, and is ideal
for today’s demanding design
requirements.
O
O V
V E
E R
R L
L O
O A
A D
D C
C A
A L
L II B
B R
R A
A T
T II O
O N
N D
D A
A T
T A
A
Specification
@ 25°C
@ +71°C
@ -55°C
Test Time
Table
MIN
MAX
MIN
MAX
MIN
MAX
Parameters
Must Hold
115
—
90
—
135
—
% For 1 Hour
Must Trip
—
150
—
130
—
180
% Within 1 Hour
200% Overload
2.000
20.0
—
—
—
—
Seconds
500% Overload
0.160
2.0
—
—
—
—
Seconds
1000% Overload
0.046
0.5
—
—
—
—
Seconds
Trip curve available
P
P E
E R
R F
F O
O R
R M
M A
A N
N C
C E
E D
D A
A T
T A
A
Interrupting Capacity
1 to 5A: 6,000A at 30V, DC. 7 1/2 to 25A: 2,000A at 30V, DC 1A: 3,500A at 120V, 400 Hz., AC. 2 to 5A: 800A
at 120V, 400 Hz., AC 7 1/2 to 25A: 500A at 120V, 400 Hz., AC
Endurance *
At 120V, 400 Hz., AC, or 28V, DC: inductive load — 2,500 cycles; resistive load — 5,000 cycles; mechanical
cycling, no load — 5,500 cycles
Overload Cycling
100 operations at 200% rated current and rated voltage
Dielectric Strength
1,500V, minimum
Insulation Resistance
Not less than 100 megohms at 500V, DC
Voltage Drop
Varies with rating (see “Ordering Information”)
Vibration*
Meets specification MIL-STD-202, Method 204, Condition A, 10G, 10-500 Hz.
MS “V” type (4001-008) meets Condition B, 15G, 10–2,000 Hz. and Condition C, 10G, 10–2,000 Hz.
MS “D“ type (4001-011) meets Random Vibration levels
Shock *
Exceeds 30G’s, 11 Millisec (half-sine pulse) MIL-STD-202, Method 213 Test J
Acceleration
Exceeds 10G’s
Weight
33 grams (0.073 lbs.)
* Variations of these circuit breakers are capable of exceeding the standard Mil specification for endurance, vibration, and shock.
Consult the business unit for more information.
MS APPROVAL
STATUS
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
MS Approved
Non MS
Approved
AMPERE
RATING
1
1 1/2
2
2 1/2
3
4
5
7 1/2
10
15
20
25
VOLTAGE
DROP
MAX. *
1.10
0.75
0.75
0.70
0.55
0.45
0.35
0.30
0.28
0.25
0.25
0.20
STANDARD
O
O R
R D
D E
E R
R II N
N G
G II N
N F
F O
O R
R M
M A
A T
T II O
O N
N
MS P/N
MS22073-1
MS22073-1 1/2
MS22073-2
MS22073-2 1/2
MS22073-3
MS22073-4
MS22073-5
MS22073-7 1/2
MS22073-10
MS22073-15
MS22073-20
MS22073-25
EATON MP
P/N
4001-001-1
4001-001-105
4001-001-2
4001-001-205
4001-001-3
4001-001-4
4001-001-5
4001-001-705
4001-001-10
4001-001-15
4001-001-20
4001-001-25
HIGH VIBRATION
MS P/N
MS22073-1V
MS22073-1 1/2V
MS22073-2V
MS22073-2 1/2V
MS22073-3V
MS22073-4V
MS22073-5V
MS22073-7 1/2V
MS22073-10V
MS22073-15V
MS22073-20V
MS22073-D25V
EATON MP P/N
4001-008-1
4001-008-105
4001-008-2
4001-008-205
4001-008-3
4001-008-4
4001-008-5
4001-008-705
4001-008-10
4001-008-15
4001-008-20
4001-008-25
RANDOM VIBRATION
MS P/N
MS22073-D1
MS22073-D1 1/2
MS22073-D2
MS22073-D2 1/2
MS22073-D3
MS22073-D4
MS22073-D5
MS22073-D7 1/2
MS22073-D10
MS22073-D15
MS22073-D20
MS22073-D25
EATON MP
P/N
4001-011-1
4001-011-105
4001-011-2
4001-011-205
4001-011-3
4001-011-4
4001-011-5
4001-011-705
4001-011-10
4001-011-15
4001-011-20
4001-011-25
* AT RATED NOMINAL CURRENT
For other amperage ratings and configurations, consult the Business Unit.
20
EATON CORPORATION Aerospace TF300-1 December, 2003


Similar Part No. - MS22073-5

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2207 ADPOW-MS2207 Datasheet
114Kb / 3P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
logo
CIT Relay & Switch
MS2207 CIT-MS2207 Datasheet
125Kb / 1P
CIT SWITCH
MS2207L2 CIT-MS2207L2 Datasheet
125Kb / 1P
CIT SWITCH
MS2207L4 CIT-MS2207L4 Datasheet
125Kb / 1P
CIT SWITCH
More results

Similar Description - MS22073-5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM115 SCHNEIDER-HOM115 Datasheet
96Kb / 2P
MINIATURE CIRCUIT BREAKER 120V - 15A
Nov 21, 2019
HOM115C SCHNEIDER-HOM115C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM115CP1235 SCHNEIDER-HOM115CP1235 Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM120CP SCHNEIDER-HOM120CP Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
HOM130C SCHNEIDER-HOM130C Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
EDB36015AABASA SCHNEIDER-EDB36015AABASA Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 600V 15A
Jun 17, 2020
EJB14030SA SCHNEIDER-EJB14030SA Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 30A
Jun 17, 2020
EJB14050SA SCHNEIDER-EJB14050SA Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 50A
Jun 17, 2020
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com