Electronic Components Datasheet Search
  English  ▼

X  

MS22073-5 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MS22073-5
Description  Sub-Miniature Precision Circuit Breaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MS22073-5 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MS22073-5 Datasheet HTML 1Page - Eaton All Rights Reserved. MS22073-5 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series 4001
D
DIIM
ME
EN
NS
SIIO
ON
NS
S
T
TR
RIIP
P C
CU
UR
RV
VE
E
Time To Open (Trip) In Seconds
EATON CORPORATION Aerospace
TF300-1 December, 2003
21
.780
MAX.
.593
MAX.
Ampere Rating In
White Figures
.375 ± .005
.125 ± .005 DIA.
.484 ± .005 DIA.
.410 DIA.
.750 MAX.
Tripped
1.535 MAX.
Mounting Lockwasher
MS35333-136B
Mounting Nut
MS25082-C21
.467 MIN.
Closed
.469-32UNS-2A
Threaded Bushings
.250
1.852
MAX.
2 Screws MS51957-41 &
Lockwashers MS35338-137
.703
.352
1.707
45
10000
1000
100
0
0.01
0.1
1.0
10
100
1000
TYPICAL
TRIP
CURVE
AT 25°C
150%
115%
10000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com