Electronic Components Datasheet Search
  English  ▼

X  

CLC020BCQ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC020BCQ
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020BCQ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC020BCQ Datasheet HTML 4Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 5Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 6Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 7Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 8Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 9Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 10Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 11Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Device Operation (Continued)
TABLE 1. BIST and Test Pattern Generator Control Functions
Pin
Name
Function
3
D0
TPG code input LSB
4
D1
TPG code input
5
D2
TPG code input
6
D3
TPG code input MSB
17
TPG_EN
TPG Enable, active high true
26
Test_Out
BIST Pass/Fail output. Pass=High
(See text for timing requirements)
TABLE 2. Component Video Test Pattern Selection
Standard
Frame
Test Pattern
D3
D2
D1
D0
NTSC
4x3
Flat-field black
0
0
0
0
NTSC
4x3
PLL pathological
0
0
0
1
NTSC
4x3
EQ pathological
0
0
1
0
NTSC
4x3
Color bars, 75%, 8-bars (modified, see text), BIST
0
0
1
1
PAL
4x3
Flat-field black
0
1
0
0
PAL
4x3
PLL pathological, BIST
0
1
0
1
PAL
4x3
EQ pathological
0
1
1
0
PAL
4x3
Color bars, 75%, 8-bars (modified, see text)
0
1
1
1
NTSC
16x9
Flat-field black
1
0
0
0
NTSC
16x9
PLL pathological
1
0
0
1
NTSC
16x9
EQ pathological
1
0
1
0
NTSC
16x9
Color bars, 75%, 8-bars (modified, see text)
1
0
1
1
PAL
16x9
Flat-field black
1
1
0
0
PAL
16x9
PLL pathological
1
1
0
1
PAL
16x9
EQ pathological
1
1
1
0
PAL
16x9
Color bars, 75%, 8-bars (modified, see text)
1
1
1
1
Note: D9 through D4 = 0 (binary)
10091707
FIGURE 6. Test Pattern Generator Control Sequence
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com