Electronic Components Datasheet Search
  English  ▼

X  

CLC020BCQ Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC020BCQ
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020BCQ Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC020BCQ Datasheet HTML 7Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 8Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 9Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 10Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 11Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 12Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 13Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 14Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
values. New layouts using the CLC020 will benefit from the
greatly reduced ancilliary component count and more com-
pact layout.
The CLC020 does not require external VCO filtering compo-
nents. The external VCO filtering components at pin 17 of
the GS9022 may remain connected to the CLC020 without
complications. It is suggested that these be removed from
the circuit board. The CLC020 uses pin 17 for its test pattern
generator enable function. You will find the TPG function
very useful when you make this change.
Remove the C
OSC capacitor used by the GS9022 at pin 26.
The CLC020 uses pin 26 as the BIST pass/fail indicator
output. You may attach a LED as an indicator to this pin, if
desired. LED current should be limited to 10 mA maximum.
The same LED type and current limiting resistor shown in
Figure 8 at the Lock Detect output may be used for this
indicator function.
Remove any capacitor attached to pin 19. A capacitor at-
tached to pin 19 will cause distortion of the output V
OH level.
The former data rate setting resistor, R
VCO, at pin 19 now
functions as the output level setting resistor, R
REF. It must be
changed to a 1.69 k
Ω, 1% value for correct output level
setting.
The input series resistors and the P
CLK risetime filter capaci-
tor used with the GS9022 are not needed for the CLC020.
These components should be removed from the circuit
board and the resistors replaced by short circuits (0
Ω resis-
tors). These series resistors will increase input signal rise
and fall times if left on the board.
The CLC020 has current-mode serial cable driver outputs.
These outputs have very high internal generator resistance
as one would expect of a current source. Though these
current-mode outputs can produce the equivalent drive volt-
ages into the load, it is necessary to change and simplify the
typical GS9022 output circuit normally recommended for that
device. The output load resistors at pins 22 and 23 must be
changed to 75
Ω, 1% values. These resistors become the
back-matching loads across which the CLC020’s outputs
develop drive voltage. The series back-matching resistors
used on the GS9022 should be removed and replaced with
short circuits. The risetime compensating capacitors across
these resistors should be removed.
Pin 28 on the CLC020 is V
SS and must be connected to the
negative supply or ground. On layouts designed to mount
the GS9022, the series R-C network connected to this pin
should be replaced by short circuits (0
Ω resistors).
The pull-up resistor connected to the Lock Detect output, pin
14, should be removed. It may be replaced by a LED and
current limiting resistor connected to V
SS if a visual lock
indicator is desired.
The CLC020 has an internal pull-down at the Sync Detect
Enable input and may be left unconnected in SMPTE video-
only applications.
The CLC020 has independent power supply pins for the
VCO, V
SSO, pin 15 and VDDO, pin 16. The CLC020 has an
output driver negative supply, V
SSSD, at pin 21. The output
driver positive supply, V
DDSD, is pin 24 (as on the GS9022).
On new layouts, additional power supply filtering may be
added at these pins, if desired.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com