Electronic Components Datasheet Search
  English  ▼

X  

LMC6035IBP Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6035IBP
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6035IBP Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMC6035IBP Datasheet HTML 12Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 13Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 14Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 15Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 16Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 17Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 18Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 19Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1.0 Application Notes (Continued)
Connection Diagrams
8-Pin SO/MSOP
14-Pin SO/TSSOP
01283001
Top View
01283002
Top View
Ordering Information
Package
Temperature Range
Transport Media
NSC Drawing
Industrial
−40˚C to +85˚C
8-pin Small Outline (SO)
LMC6035IM
Rails
M08A
LMC6035IMX
2.5k Units Tape and Reel
8-pin Mini Small Outline
(MSOP)
LMC6035IMM
1k Units Tape and Reel
MUA08A
LMC6035IMMX
3.5k Units Tape and Reel
14-pin Small Outline (SO)
LMC6036IM
Rails
M14A
LMC6036IMX
2.5k Units Tape and Reel
14-pin Thin Shrink Small
Outline (TSSOP)
LMC6036IMT
Rails
MTC14
LMC6036IMTX
2.5k Units Tape and Reel
8-Bump micro SMD
(Small Bump)
LMC6035IBP
250 Units Tape and Reel
BPA08FFB
LMC6035IBPX
3k Units Tape and Reel
8-Bump Thin micro SMD
(Large Bump)
LMC6035ITL
250 Units Tape and Reel
TLA08JQA
LMC6035ITLX
3k Units Tape and Reel
01283006
FIGURE 11. Compensating for Large Capacitive Loads with a Pull Up Resistor
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com