Electronic Components Datasheet Search
  English  ▼

X  

LMC6035IBP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6035IBP
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6035IBP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6035IBP Datasheet HTML 1Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 2Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 3Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 4Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 5Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 6Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 7Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 8Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMC6035/LMC6036
Low Power 2.7V Single Supply CMOS Operational
Amplifiers
General Description
The LMC6035/6 is an economical, low voltage op amp ca-
pable of rail-to-rail output swing into loads of 600
Ω.
LMC6035 is available in a chip sized package (8-Bump
micro SMD) using National’s micro SMD package technol-
ogy. Both allow for single supply operation and are guaran-
teed for 2.7V, 3V, 5V and 15V supply voltage. The 2.7 supply
voltage corresponds to the End-of-Life voltage (0.9V/cell) for
three NiCd or NiMH batteries in series, making the
LMC6035/6 well suited for portable and rechargeable sys-
tems. It also features a well behaved decrease in its speci-
fications at supply voltages below its guaranteed 2.7V op-
eration. This provides a “comfort zone” for adequate
operation at voltages significantly below 2.7V. Its ultra low
input currents (I
IN) makes it well suited for low power active
filter application, because it allows the use of higher resistor
values and lower capacitor values. In addition, the drive
capability of the LMC6035/6 gives these op amps a broad
range of applications for low voltage systems.
Features
(Typical Unless Otherwise Noted)
n
LMC6035 in micro SMD Package
n
Guaranteed 2.7V, 3V, 5V and 15V Performance
n
Specified for 2 k
Ω and 600Ω Loads
n
Wide Operating Range:
2.0V to 15.5V
n
Ultra Low Input Current:
20fA
n
Rail-to-Rail Output Swing
@ 600
Ω: 200mV from either rail at 2.7V
@ 100k
Ω: 5mV from either rail at 2.7V
n
High Voltage Gain:
126dB
n
Wide Input Common-Mode Voltage Range
-0.1V to 2.3V at V
S = 2.7V
n
Low Distortion:
0.01% at 10kHz
n
LMC6035 Dual LMC6036 Quad
n
See AN-1112 for micro SMD considerations
Applications
n
Filters
n
High Impedance Buffer or Preamplifier
n
Battery Powered Electronics
n
Medical Instrumentation
Connection Diagram
8-Bump microSMD
01283065
Top View
(Bump Side Down)
microSMD Connection Table
Bump Number
LM6035IBP
LMC6035IBPX
LMC6035ITL
LMC6035ITLX
A1
OUTPUT A
OUTPUT B
B1
IN A
−
V
+
C1
IN A
+
OUTPUT A
C2
V
−
IN A
−
C3
IN B
+
IN A
+
B3
IN B
−
V
−
A3
OUTPUT B
IN B
+
A2
V
+
IN B
−
October 2002
© 2002 National Semiconductor Corporation
DS012830
www.national.com


Similar Part No. - LMC6035IBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6035IM TI1-LMC6035IM Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6035IM/NOPB TI1-LMC6035IM/NOPB Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
LMC6035IM/NOPB TI-LMC6035IM/NOPB Datasheet
2Mb / 44P
LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
DECEMBER 2024
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results

Similar Description - LMC6035IBP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com