Electronic Components Datasheet Search
  English  ▼

X  

CEM-5 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # CEM-5
Description  Minitek® Pwr CEM-5 PCIe® Connector System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

CEM-5 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  CEM-5 Datasheet HTML 1Page - Amphenol Communications Solutions CEM-5 Datasheet HTML 2Page - Amphenol Communications Solutions CEM-5 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
TECHNICAL INFORMATION
Minitek® Pwr CEM-5 PCIe® Connector System
MATERIAL
§
Header Pin: High conductivity copper alloy and copper alloy
with tin plating
§
Housing: Nylon 66 and LCP, black,UL94V-0
§
Crimping Terminal: High conductivity copper alloy and
Copper alloy with tin plating
MECHANICAL PERFORMANCE
§
Insertion Force: 8.0N max.
§
Withdrawal Force: 2.4N min.
§
Durability: 30 mating cycles
§
Wire Pullout Force: Refer to product specifications
ELECTRICAL PERFORMANCE
§
Low Level Contact Resistance: 6mΩ max.
§
Insulation Resistance: 1000MΩ min.
§
Voltage Rating: 12V DC
§
Current Rating: 9.5A (Power)/1A (Signal)
§
Dielectric Withstand Voltage: 1000V AC
§
Temperature Rise: 30°C max.
PACKAGING
§
PCB Header: Tray
§
Crimping Housing: Bulk
§
Terminal: Reel
APPROVALS & CERTIFICATION
§
Glow Wire Ignition Temperature (GWIT) per IEC 60695-2-13
§
Glow Wire Flammability Index (GWFI) per IEC 60695-2-12
SPECIFICATION
§
Amphenol Product Specification: GS-12-1706
§
Amphenol Application Specification: GS-20-0704
§
Amphenol Packaging Specification: GS-14-2802
ENVIRONMENTAL
§
Operating Temperature Range: -40ºC to +105ºC
*Includes 30ºC terminal temperature rise at rated current
TARGET MARKETS/APPLICATIONS
AI and Cloud
Gaming Consoles
Graphic Interface
Networking
Computing System
Server and storage
Type
Description
Product Series
Dual Row
PCIe® CEM-5 Right Angle Through Hole Hybrid Header
10160920
PCIe® CEM-5 Hybrid Receptacle Housing
10161719
Terminals
Receptacle Terminal( Pwr)
10132447
Receptacle Terminal (Pwr) with low insertion force
10134160
Receptacle Terminal (Signal)
10161952
PART NUMBERS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com