Electronic Components Datasheet Search
  English  ▼

X  

CEM-5 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # CEM-5
Description  Minitek® Pwr CEM-5 PCIe® Connector System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

CEM-5 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  CEM-5 Datasheet HTML 1Page - Amphenol Communications Solutions CEM-5 Datasheet HTML 2Page - Amphenol Communications Solutions CEM-5 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
Amphenol ICC introduces the Gen 5, Minitek® Pwr PCIe®
connector system. This new introduction CEM 5.0 PCI
Express® 12VHPWR auxiliary hybrid connector and cable
assembly support the 600W GPU cards. The 12VHPWR
connector is not designed to mate with legacy PCI
Express® 2x3 and 2x4 12V Auxiliary Power connectors.
The 12VHPWR connector power pins have a 3.00mm pitch,
while the contacts in a legacy 2x3 and 2x4 connector lie
on a larger 4.20mm pitch. New PCIe® Connector System
(CEM5) is designed for power applications with current
rating up to 9.5A/pin (12 pins energized) and the 4 signal
pins supporting signal transmission.
TARGET MARKETS
Minitek® Pwr CEM-5 PCIe® Connector System
§ Rated current up to 9.5A per contact with all 12 power
contacts and 4 Signal contacts
§ Fully isolated terminals
§ Positive locking on housing with low thumb latch
operation
§ Low level contact resistance: 6mΩ max.
FEATURES
BENEFITS
§
High current alloy material used for contacts
§
Rated up to 9.5A per contact with all 12 power contacts and
4 signal contacts loaded
§
Fully isolated terminals
§
Prevents terminals from potential damage during
operation
§
Positive locking on housing with low thumb latch operation
§
Ensures secured mating retention
§
Fully polarized housings
§
Prevents accidental mismating
§
High retention force in housing
§
Well secured terminals in housing
§
UL94V-0 flammability rated Nylon material
§
High flammability rating
§
RoHS compliant and lead-free
§
Meets environmental, health and safety requirements


Similar Part No. - CEM-5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CEM-04D CITIZEN-CEM-04D Datasheet
462Kb / 1P
Electret Condenser Microphone(Omnidirectional)
logo
CUI INC
CEM-1201 CUI-CEM-1201 Datasheet
514Kb / 5P
magnetic buzzer
CEM-1201 CUI-CEM-1201 Datasheet
397Kb / 5P
magnetic buzzer
CEM-1201 CUI-CEM-1201 Datasheet
401Kb / 3P
MAGNETIC BUZZER TRANSDUCER
12/20/2019
logo
CUI Devices
CEM-1201 CUID-CEM-1201 Datasheet
404Kb / 3P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CEM-5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10129274-030LF AMPHENOL-10129274-030LF Datasheet
530Kb / 4P
Minitek® Pwr 3.0 Connector System Dual Row & Single Row
logo
Renesas Technology Corp
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com