Electronic Components Datasheet Search
  English  ▼

X  

DDR4-2133 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DDR4-2133
Description  Lead-Free&Halogen-Free
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DDR4-2133 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DDR4-2133 Datasheet HTML 1Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 2Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 3Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 4Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 5Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 6Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 7Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 8Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Rev. 1.7 / Mar. 2018
2
Revision History
Revision No.
History
Draft Date
Remark
0.1
Initial Release
Apr. 2016
0.2
Add Industrial Temperature Range
Oct. 2016
1.0
x16 IDD, IPP Update
Dec. 2016
Page 32, 33
1.1
x16 IPP Typo
Dec. 2016
Page 33
1.2
x8 IDD, IPP Update
Jan. 2017
Page 32, 33
1.3
DBI Info. Update
Mar. 2017
Page 3
1.4
x4 IDD, IPP Update
x16 3200Mbps IDD, IPP Update
Jun. 2017
Page 32,33
1.5
3200Mbps IDD, IPP Update
Jun. 2017
Page 32,33
1.6
AC timing update
2666Mbps update
Dec. 2017
Page 17
1.7
3200Mbps Parameter update
Mar. 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com