Electronic Components Datasheet Search
  English  ▼

X  

DDR4-2133 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DDR4-2133
Description  Lead-Free&Halogen-Free
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DDR4-2133 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DDR4-2133 Datasheet HTML 17Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 18Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 19Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 20Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 21Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 22Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 23Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 24Page - List of Unclassifed Manufacturers DDR4-2133 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Rev. 1.7 / Mar.2018
21
IDD6R
Self-Refresh Current: Reduced Temperature Range
TCASE: 0 - TBD (~35-45)°C; Low Power Array Self Refresh (LP ASR) : Reduced4; CKE: Low;
External clock: Off; CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command,
Address, Bank Group Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity:
Extended Temperature Self-Refresh operation; Output Buffer and RTT: Enabled in Mode Registers2;
ODT Signal: MID-LEVEL
IPP6R
Self Refresh IPP Current: Reduced Temperature Range
Same condition with IDD6R
IDD6A
Auto Self-Refresh Current
TCASE: 0 - 95°C; Low Power Array Self Refresh (LP ASR) : Auto4; CKE: Low; External clock: Off;
CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command, Address, Bank Group
Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity: Auto Self-Refresh
operation; Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal: MID-LEVEL
IPP6A
Auto Self-Refresh IPP Current
Same condition with IDD6A
IDD7
Operating Bank Interleave Read Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, nRRD, nFAW, CL: see Table 1; BL: 81; AL:
CL-1; CS_n: High between ACT and RDA; Command, Address, Bank Group Address, Bank Address
Inputs: partially toggling according to Table 10; Data IO: read data bursts with different data between
one burst and the next one according to Table 10; DM_n: stable at 1; Bank Activity: two times
interleaved cycling through banks (0, 1, ...7) with different addressing, see Table 10; Output Buffer and
RTT: Enabled in Mode Registers2; ODT Signal: stable at 0; Pattern Details: see Table 10
IPP7
Operating Bank Interleave Read IPP Current
Same condition with IDD7
IDD8
Maximum Power Down Current
TBD
IPP8
Maximum Power Down IPP Current
Same condition with IDD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com