Electronic Components Datasheet Search
  English  ▼

X  

ADS1198 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1198
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1198 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADS1198 Datasheet HTML 65Page - Texas Instruments ADS1198 Datasheet HTML 66Page - Texas Instruments ADS1198 Datasheet HTML 67Page - Texas Instruments ADS1198 Datasheet HTML 68Page - Texas Instruments ADS1198 Datasheet HTML 69Page - Texas Instruments ADS1198 Datasheet HTML 70Page - Texas Instruments ADS1198 Datasheet HTML 71Page - Texas Instruments ADS1198 Datasheet HTML 72Page - Texas Instruments ADS1198 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
9.6.1.4 CONFIG3: Configuration Register 3 (address = 03h) (reset = 40h)
Configuration register 3 configures multireference and RLD operation.
Figure 77. CONFIG3: Configuration Register 3
7
6
5
4
3
2
1
0
PD_REFBUF
1
VREF_4V
RLD_MEAS
RLDREF_INT
PD_RLD
RLD_LOFF_SE
RLD_STAT
NS
R/W-0h
R/W-1h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 20. Configuration Register 3 Field Descriptions
Bit
Field
Type
Reset
Description
7
PD_REFBUF
R/W
0h
Power-down reference buffer
This bit determines the power-down reference buffer state.
0 = Power-down internal reference buffer
1 = Enable internal reference buffer
6
RESERVED
R/W
1h
Reserved
Always write 1h
5
VREF_4V
R/W
0h
Reference voltage
This bit determines the reference voltage, VREFP.
0 = VREFP is set to 2.4 V
1 = VREFP is set to 4 V (use only with a 5-V analog supply)
4
RLD_MEAS
R/W
0h
RLD measurement
This bit enables RLD measurement. The RLD signal may be
measured with any channel.
0 = Open
1 = RLD_IN signal is routed to the channel that has the
MUX_Setting 010 (VREF)
3
RLDREF_INT
R/W
0h
RLDREF signal
This bit determines the RLDREF signal source.
0 = RLDREF signal fed externally
1 = RLDREF signal (AVDD – AVSS) / 2 generated internally
2
PD_RLD
R/W
0h
RLD buffer power
This bit determines the RLD buffer power state.
0 = RLD buffer is powered down
1 = RLD buffer is enabled
1
RLD_LOFF_SENS
R/W
0h
RLD sense function
This bit enables the RLD sense function.
0 = RLD sense is disabled
1 = RLD sense is enabled
0
RLD_STAT
R
0h
RLD lead-off status
This bit determines the RLD status.
0 = RLD is connected
1 = RLD is not connected
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com