Electronic Components Datasheet Search
  English  ▼

X  

ADS1198 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1198
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1198 Datasheet(HTML) 80 Page - Texas Instruments

Back Button ADS1198 Datasheet HTML 76Page - Texas Instruments ADS1198 Datasheet HTML 77Page - Texas Instruments ADS1198 Datasheet HTML 78Page - Texas Instruments ADS1198 Datasheet HTML 79Page - Texas Instruments ADS1198 Datasheet HTML 80Page - Texas Instruments ADS1198 Datasheet HTML 81Page - Texas Instruments ADS1198 Datasheet HTML 82Page - Texas Instruments ADS1198 Datasheet HTML 83Page - Texas Instruments ADS1198 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
9.6.1.16 RESP: Respiration Control Register (address = 16h) (reset = 00h)
This register provides the controls for the respiration circuitry; see the Respiration section for details.
Figure 89. RESP: Respiration Control Register
7
6
5
4
3
2
1
0
RESP_ DEMOD_EN1
RESP_MOD_ EN1
1
RESP_PH[2:0]
RESP_CTRL[1:0]
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 32. Respiration Control Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESP_DEMOD_EN1
R/W
0h
Enables respiration demodulation circuitry (ADS129xR only;
for ADS129x always write 0)
This bit enables and disables the demodulation circuitry on
channel 1.
0 = RESP demodulation circuitry turned off
1 = RESP demodulation circuitry turned on
6
RESP_MOD_EN1
R/W
0h
RESP_MOD_EN1: Enables respiration modulation circuitry
(ADS129xR only; for ADS129x always write 0)
This bit enables and disables the modulation circuitry on channel
1.
0 = RESP modulation circuitry turned off
1 = RESP modulation circuitry turned on
5
RESERVED
R/W
0h
Reserved
Always write 1h
4:2
RESP_PH[2:0]
R/W
0h
Respiration phase(1)
000 = 22.5°
001 = 45°
010 = 67.5°
011 = 90°
100 = 112.5°
101 = 135°
110 = 157.5°
111 = N/A
1:0
RESP_CTRL[1:0]
R/W
0h
Respiration control
These bits set the mode of the respiration circuitry.
00 = No respiration
01= External respiration
10 = Internal respiration with internal signals
11 = Internal respiration with user-generated signals
(1)
RESP_PH[2:0] phase control bits only for internal respiration (RESP_CTRL = 10) and external respiration (RESP_CTRL = 01) modes
when the CONFIG4.RESP_FREQ[2:0] register bits are 000b or 001b.
80
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com