Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF52 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC34RF52
Description  ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF52 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC34RF52 Datasheet HTML 42Page - Texas Instruments ADC34RF52 Datasheet HTML 43Page - Texas Instruments ADC34RF52 Datasheet HTML 44Page - Texas Instruments ADC34RF52 Datasheet HTML 45Page - Texas Instruments ADC34RF52 Datasheet HTML 46Page - Texas Instruments ADC34RF52 Datasheet HTML 47Page - Texas Instruments ADC34RF52 Datasheet HTML 48Page - Texas Instruments ADC34RF52 Datasheet HTML 49Page - Texas Instruments ADC34RF52 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
7.3.6 JESD204B Interface
The ADC34RF52 uses the JESD204B high-speed serial interface to transfer data from the ADC to the receiving
logic device. ADC34RF52 serialized lanes are capable of operating up to 13 Gbps, slightly above the JESD204B
max lane rate. A maximum of 8 lanes can be used to allow lower lane rates for interfacing with speed limited
logic devices. Figure 7-38 shows a simplified block diagram of the JESD204B interface.
ADC
JESD204B
TRANSPORT
LAYER
SCRAMBLER
(Optional)
JESD204B
LINK LAYER
8B/10B
ENCODER
JESD204B
TX
ADC
JESD204B BLOCK
Figure 7-38. JESD204B Block Diagram
7.3.6.1 JESD204B Initial Lane Alignment (ILA)
The receiving device starts the initial lane alignment process by deasserting the SYNC signal. When a logic
low state is detected on the SYNC input, the ADC starts transmitting comma characters (K28.5) to establish
the code group synchronization, as shown in Figure 7-39. When synchronization is completed, the receiving
device reasserts the SYNC signal and the ADC starts the initial lane alignment sequence with the next local
multi-frame clock (LMFC) boundary. The ADC transmits four multi-frames, each containing K frame (K is SPI
programmable). EAch of the multi-frames contains the frame start and frame end symbols. The second multi-
frame also contains the JESD204B link configuration data.
SYNC
SYSREF
LMFC Clock
LMFC Boundary
xxx
Transmit Data
K28.5
K28.5
ILA
ILA
DATA
DATA
Multi-
Frame
Code Group Synchronization
Initial Lane Alignment
Data Transmission
Figure 7-39. JESD204B Internal Timing Diagram
7.3.6.1.1 SYNC Signal
The SYNC signal can be issued using one of two different methods:
• One of the GPIO1/2 pins can be configured via SPI to become the SYNC input pin (address 0x234 in the
digital page)
• The synchronization command can be issued via SPI register write (address 0x21 in the JESD page)
When using the GPIO1/2 pins for the SYNC signal input, the device also supports the option to invert the signal
polarity (address 0x236 in the digital page).
ADC34RF52
SBASAI7 – MARCH 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC34RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com