Electronic Components Datasheet Search
  English  ▼

X  

SIL05E Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL05E
Description  0.75 Vin to 3.63 Vin Single output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL05E Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL05E Datasheet HTML 1Page - Artesyn Technologies SIL05E Datasheet HTML 2Page - Artesyn Technologies SIL05E Datasheet HTML 3Page - Artesyn Technologies SIL05E Datasheet HTML 4Page - Artesyn Technologies SIL05E Datasheet HTML 5Page - Artesyn Technologies SIL05E Datasheet HTML 6Page - Artesyn Technologies SIL05E Datasheet HTML 7Page - Artesyn Technologies SIL05E Datasheet HTML 8Page - Artesyn Technologies SIL05E Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SIL05E Series
| 5 A DC-DC Converter
1
File Name: lf_sil05e_05.pdf Rev (01): 23 Mar 2004
SIL05E SERIES
0.75 Vin to 3.63 Vin Single output
E Class Non-Isolated
5 A current rating
Output voltage range: 0.75 Vdc to 3.63 Vdc
Applications for 5 V or 3.3 V input POL converters
High power density (179W/in3)
High efficiency - typically 94% for 5 V in and 3.3 V out
SIL POL converter that saves board space
Industry standard footprint
Remote ON/OFF
Available RoHS compliant
THE SIL05E series are non-isolated SIL
dc-dc converters packaged in an industry
standard footprint giving designers a cost
effective solution for conversion from
either a 5 V or 3.3 V input to output
voltages of 3.63 Vdc and 0.75 Vdc. The
SIL05E offers a wide output range, which
allows maximum design flexibility and a
pathway for future upgrades. Local
voltage conversion by the SIL05E series
from existing 5 V or 3.3 V system voltages
eliminates the need for redesign of
existing power architectures when voltage
requirements change. The SIL05E is
designed for applications that include
distributed power, workstations, optical
network and wireless applications.
Implemented using state of the art surface
mount technology and automated
manufacturing techniques, the SIL05E
offers compact size and efficiencies of up
to 94%.
[ 2 YEAR WARRANTY ]


Similar Part No. - SIL05E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
logo
Advanced Energy Industr...
SIL05E ADVANCEDENERGY-SIL05E Datasheet
371Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL05E-05W3V3-HJ ARTESYN-SIL05E-05W3V3-HJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
logo
Emerson Network Power
SIL05E-05W3V3-VJ EMERSON-NETWORKPOWER-SIL05E-05W3V3-VJ Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
logo
Artesyn Technologies
SIL05E-05W3V3-VJ ARTESYN-SIL05E-05W3V3-VJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
More results

Similar Description - SIL05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com