Electronic Components Datasheet Search
  English  ▼

X  

SIL05E Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL05E
Description  0.75 Vin to 3.63 Vin Single output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL05E Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL05E Datasheet HTML 1Page - Artesyn Technologies SIL05E Datasheet HTML 2Page - Artesyn Technologies SIL05E Datasheet HTML 3Page - Artesyn Technologies SIL05E Datasheet HTML 4Page - Artesyn Technologies SIL05E Datasheet HTML 5Page - Artesyn Technologies SIL05E Datasheet HTML 6Page - Artesyn Technologies SIL05E Datasheet HTML 7Page - Artesyn Technologies SIL05E Datasheet HTML 8Page - Artesyn Technologies SIL05E Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SIL05E Series
| 5 A DC-DC Converter
E Class Non-Isolated
3
www.artesyn.com
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
551,000
Hours
MIL-HDBK-217F,
Vin = Vin (nom); Iout = Iout
(max); ambient 25ºC;
ground benign environment
Mean time between failure
MTBF
9,009,000
Hours
Telcordia SR-332
Mean time between failure
MTBF
TBA
Hours
Demonstrated. This entry will be
periodically updated as the
number of test hours increase
Signal Electrical Interface
Reliability and Service Life
File Name: lf_sil05e_05.pdf Rev (01): 23 Mar 2004
Characteristic - Signal Name Symbol
Min
Typ
Max
Units
Notes and Conditions
At remote/control ON/OFF pin
See Notes 2 and 3
High level input current
Iih
500
µA
Current flowing into control pin
when pin is pulled high
(max at Vih = 5.5V
Acceptable high level
Iih (leakage)
-10
µA
Acceptable leakage current from
leakage current
signal pin into the open collector
driver (neg = from converter)
Low level input voltage
ViI
0
0.4
V
Converter guaranteed ON
when control pin is less
than Vil (max)
High level input voltage
Vih
2.5
V
Converter guaranteed OFF
when control pin is
greater than Vih (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com