Electronic Components Datasheet Search
  English  ▼

X  

SIL20C2 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL20C2
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL20C2 Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL20C2 Datasheet HTML 1Page - Artesyn Technologies SIL20C2 Datasheet HTML 2Page - Artesyn Technologies SIL20C2 Datasheet HTML 3Page - Artesyn Technologies SIL20C2 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIL20C2 Series
4.5 Vin to 13.8 V Single Output
File Name: sil20c2.pdf Rev: 19 Feb 2006
PRELIMINARY DATA SHEET
February 19, 2005
2 year warranty
• 20 a current rating
• Input voltage range: 4.5-13.8 V
• Output voltage: 0.59-5.1 V
• Industry leading value
• Cost optimized design
• excellent transient response
• Output enable
• Output voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• resulting in reduced design-in and qual time
• Current sink capability
• roHS compliant
The SIL20C2 series is a new high density, open frame, non-isolated converter
for space sensitive applications. This model has a wide input range (4.5-
13.8 Vdc) and offers a wide 0.59-5.1 V output voltage range with 20 A load
capability. An external resistor adjusts the output voltage from its pre-set
value of 0.59 V to any value up to the 5 V maximum. Typical efficiencies for
the models are 93% for the 12 V input version. The SIL20C2 series offers
remote ON/OFF and over-current protection as standard.
DC-DCCONVERTERS
C Class Non-isolated
Preliminary Data - subject to change without notice
1
NEW Product
All specifications are typical at nominal input, full load at 25 °C, unless otherwise stated
SPECIFICATIONS
Output voltage
(See Note 5)
0.59-5.1 V
Output setpoint
accuracy
0.1% trim resistors
±1.0%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min/max load
0 A/20 A
Overshoot
At turn-on
0.5% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz
(See Note 1)
30 mV
Vin = 5 V, Vout = 2.5 V
Transient response
(See Notes 1, 2)
130 mV max. deviation
50 µs recovery within
regulation band
Efficiency
Vin=5 V, Vo=2.5 V, lo=20 A
90%
Switching frequency
Fixed
750 kHz
Approvals and
standards (pending)
EN60950
UL/cUL6950
Material flammability
UL94V-0
Weight
8.50 g/0.3 oz.
MTBF
12 V @ 40 °C
100% load
Bellcore 332
6,721,853 hours
Coplanarity
150 µm
Thermal performance
(See Note 5)
Operating ambient,
temperature
Non-operating
0 °C to +70 °C
-40 °C to +125 °C
Input voltage range
4.5-13.8 Vdc
Input current
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.)
(See Note 3)
18 A @ Io max.
Start-up time
Remote ON/OFF
3 ms
Short-circuit
Hiccup, non-latching
Overvoltage protection
Hiccup, non-latching
Input capacitance
(See Note 6)
0 µF
Output capacitance
(See Note 7)
0 µF
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 File No. TBD
TÜV Product Service (EN60950) Certificate No. TBD
CB report and certificate to IEC60950
International Safety Standard Approvals
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
GENERAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
PROTECTION
RECOMMENDED SYSTEM CAPACITANCE


Similar Part No. - SIL20C2

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C2-00SADJ-HJ EMERSON-NETWORKPOWER-SIL20C2-00SADJ-HJ Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ Datasheet
752Kb / 4P
C-Class Non-Isolated POWER
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ_15 Datasheet
752Kb / 4P
C-Class Non-Isolated POWER
More results

Similar Description - SIL20C2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com