Electronic Components Datasheet Search
  English  ▼

X  

SIL20C2 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL20C2
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL20C2 Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL20C2 Datasheet HTML 1Page - Artesyn Technologies SIL20C2 Datasheet HTML 2Page - Artesyn Technologies SIL20C2 Datasheet HTML 3Page - Artesyn Technologies SIL20C2 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIL20C2 Series
4.5 Vin to 13.8 V Single Output
File Name: sil20c2.pdf Rev: 19 Feb 2006
PRELIMINARY DATA SHEET
February 19, 2005
Figure2:VerticalMountMechanicalDrawing
Figure3:HorizontalMountMechanicalDrawing
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NEW Product
DC-DC CONVERTERS
C Class Non-isolated
Preliminary Data - subject to change without notice
3
* Horizontal and SMT version only
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
0.050 (1.27) REF
0.295 (7.49)
0.462 (11.73)
0.062 (1.57) PCB REF
0.150 (3.81) TYP
0.105 (2.67)
0.025 (0.64) ±.001
SQ PIN TYP
8 PLACES
1.200 (30.48)
0.610 (15.49)
PIN 1
PIN 8
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
0.295 (7.49)
0.482 (12.24)
0.025 (0.64) ±.001
SQ PINS TYP
9 PLACES
0.125 (3.18) TYP
0.120 (3.05) TYP
0.062 (1.57) REF
1.200 (30.48)
0.610 (15.49)
0.535 (13.59)
0.040 (1.02) REF
PIN 1
PIN 9
PINCONNECTIONS
PINNO.
FUNCTION
1
Vout
2
Trim
3
Ground
4
Power good
5
Enable
6
Vin
7
Remote Sense (+)
8
Remote Sense (-)
9
*Mech Support
10
*Mech Support



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com