Electronic Components Datasheet Search
  English  ▼

X  

OP270FZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP270FZ
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270FZ Datasheet(HTML) 4 Page - Analog Devices

  OP270FZ Datasheet HTML 1Page - Analog Devices OP270FZ Datasheet HTML 2Page - Analog Devices OP270FZ Datasheet HTML 3Page - Analog Devices OP270FZ Datasheet HTML 4Page - Analog Devices OP270FZ Datasheet HTML 5Page - Analog Devices OP270FZ Datasheet HTML 6Page - Analog Devices OP270FZ Datasheet HTML 7Page - Analog Devices OP270FZ Datasheet HTML 8Page - Analog Devices OP270FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
OP270
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . .
±1.0 V
Differential Input Current
2
. . . . . . . . . . . . . . . . . . . .
±25 mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . . Continuous
Storage Temperature Range
P, S, Z Package . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
ORDERING GUIDE
TA = +25
°C
VOS Max
θ
JC
θ
JA*
Temperature
Package
Package
Model
( V)
(
°C/W)
(
°C/W)
Range
Description
Option
OP270EZ
75
12
134
XIND
8-Lead CERDIP
Q-8 (Z-Suffix)
OP270FZ
150
12
134
XIND
8-Lead CERDIP
Q-8 (Z-Suffix)
OP270GP
250
37
96
XIND
8-Lead PDIP
N-8 (P-Suffix)
OP270GS
250
27
92
XIND
16-Lead SOIC
RW-16 (S-Suffix)
*
θ
JA is specified for worst-case mounting conditions, i.e.,
θ
JA is specified for device
in socket for CERDIP and PDIP packages;
θ
JA is specified for device soldered to
printed circuit board for SOIC package.
Operating Temperature Range
OP270E, OP270F, OP270G . . . . . . . . . . . –40
°C to +85°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 The OP270’s inputs are protected by back-to-back diodes. Current limiting
resistors are not used, in order to achieve low noise performance. If differential
voltage exceeds +10 V, the input current should be limited to
±25 mA.
For military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp.
SMD Part Number
ADI Equivalent
5962-8872101PA
OP270AZMDA
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP270 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com