Electronic Components Datasheet Search
  English  ▼

X  

OP270FZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP270FZ
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270FZ Datasheet(HTML) 1 Page - Analog Devices

  OP270FZ Datasheet HTML 1Page - Analog Devices OP270FZ Datasheet HTML 2Page - Analog Devices OP270FZ Datasheet HTML 3Page - Analog Devices OP270FZ Datasheet HTML 4Page - Analog Devices OP270FZ Datasheet HTML 5Page - Analog Devices OP270FZ Datasheet HTML 6Page - Analog Devices OP270FZ Datasheet HTML 7Page - Analog Devices OP270FZ Datasheet HTML 8Page - Analog Devices OP270FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
a
OP270
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Dual Very Low Noise Precision
Operational Amplifier
FEATURES
Very Low Noise 5 nV/
÷÷÷÷÷Hz @ 1 kHz Max
Excellent Input Offset Voltage 75
V Max
Low Offset Voltage Drift 1
V/ C Max
Very High Gain 1500 V/mV Min
Outstanding CMR 106 dB Min
Slew Rate 2.4 V/ s Typ
Gain Bandwidth Product 5 MHz Typ
Industry-Standard 8-Lead Dual Pinout
SIMPLIFIED SCHEMATIC
(One of Two Amplifiers Is Shown)
–IN
+IN
BIAS
V+
OUT
V–
GENERAL DESCRIPTION
The OP270 is a high performance, monolithic, dual operational
amplifier with exceptionally low voltage noise, 5 nV/
÷Hz max at
1 kHz. It offers comparable performance to ADI’s industry
standard OP27.
The OP270 features an input offset voltage below 75
mV and an
offset drift under 1
mV/∞C, guaranteed over the full military tem-
perature range. Open-loop gain of the OP270 is over 1,500,000
into a 10 k
W load, ensuring excellent gain accuracy and linearity,
even in high gain applications. Input bias current is under 20 nA,
which reduces errors due to signal source resistance. The OP270’s
CMR of over 106 dB and PSRR of less than 3.2
mV/V signifi-
cantly reduce errors due to ground noise and power supply
fluctuations. Power consumption of the dual OP270 is one-third
less than two OP27s, a significant advantage for power conscious
applications. The OP270 is unity-gain stable with a gain bandwidth
product of 5 MHz and a slew rate of 2.4 V/
ms.
The OP270 offers excellent amplifier matching, which is important
for applications such as multiple gain blocks, low noise instru-
mentation amplifiers, dual buffers, and low noise active filters.
The OP270 conforms to the industry-standard 8-lead DIP pinout.
It is pin compatible with the MC1458, SE5532/A, RM4558, and
HA5102 dual op amps, and can be used to upgrade systems
using those devices.
For higher speed applications, the OP271, with a slew rate of
8V/
ms, is recommended. For a quad op amp, see the OP470.
CONNECTION DIAGRAMS
16-Lead SOIC
(S-Suffix)
1
2
3
4
5
6
7
8
NC = NO CONNECT
–IN A
16
15
14
13
12
11
10
9
+IN A
NC
V–
NC
+IN B
–IN B
NC
OUT A
NC
NC
V+
NC
NC
OUT B
NC
OP270
8-Lead PDIP (P-Suffix)
8-Lead CERDIP
(Z-Suffix)
1
2
3
4
OUT A
8
7
6
5
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
A
B
OP270


Similar Part No. - OP270FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP270FZ AD-OP270FZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270FZ AD-OP270FZ Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
More results

Similar Description - OP270FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP-270 AD-OP-270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
September 2001
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com