Electronic Components Datasheet Search
  English  ▼

X  

ADL5306 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5306
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5306 Datasheet HTML 8Page - Analog Devices ADL5306 Datasheet HTML 9Page - Analog Devices ADL5306 Datasheet HTML 10Page - Analog Devices ADL5306 Datasheet HTML 11Page - Analog Devices ADL5306 Datasheet HTML 12Page - Analog Devices ADL5306 Datasheet HTML 13Page - Analog Devices ADL5306 Datasheet HTML 14Page - Analog Devices ADL5306 Datasheet HTML 15Page - Analog Devices ADL5306 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADL5306
OUTLINE DIMENSIONS
1
0.50
BSC
0.60 MAX
PIN 1 INDICATOR
1.50 REF
0.50
0.40
0.30
0.25 MIN
0.45
2.75
BSC SQ
TOP
VIEW
12°MAX
0.80 MAX
0.65 NOM
SEATING
PLANE
PIN 1
INDICATOR
1.00
0.90
0.80
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
2
3.00
BSC SQ
1.45
1.30
1.15
BOTTOM
VIEW
COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2
SQ
Figure 32. 16-Lead Leadframe Chip Scale Package [LFCSP]
(CP-16)
Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ORDERING GUIDE
ADL5306 Products
Temperature Package
Package Description
Package Outline
Branding1
ADL5306ACP2
–40°C to +85°C
16-Lead LFCSP
CP-16
JSA
ADL5306ACP-R2
–40°C to +85°C
Tape and Reel
CP-16
JSA
ADL5306ACP-REEL7
–40°C to +85°C
7” Tape and Reel
CP-16
JSA
ADL5306-EVAL
Evaluation Board
1 Branding is as follows:
Line 1—Logo
Line 2—JSA
Line 3—K (Date Code). Date code is in YWW format.
2 Contact factory for availability.
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
C03727–0–7/03(0)
Rev. 0 | Page 16 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com