Electronic Components Datasheet Search
  English  ▼

X  

ADL5306 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5306
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306 Datasheet(HTML) 3 Page - Analog Devices

  ADL5306 Datasheet HTML 1Page - Analog Devices ADL5306 Datasheet HTML 2Page - Analog Devices ADL5306 Datasheet HTML 3Page - Analog Devices ADL5306 Datasheet HTML 4Page - Analog Devices ADL5306 Datasheet HTML 5Page - Analog Devices ADL5306 Datasheet HTML 6Page - Analog Devices ADL5306 Datasheet HTML 7Page - Analog Devices ADL5306 Datasheet HTML 8Page - Analog Devices ADL5306 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADL5306
Rev. 0 | Page 3 of 16
SPECIFICATIONS
Table 1. VP = 5 V, VN = 0, TA = 25°C, RREF = 200 kΩ, unless otherwise noted
Parameter
Conditions
Min1
Typ
Max1
Unit
INPUT INTERFACE
INPT (Pin 4), IREF (Pin 3)
Specified Current Range, IPD
Flows toward INPT pin
100n
100µ
A
Input Current Min/Max Limits
Flows toward INPT pin
1
mA
Reference Current, IREF, Range
Flows toward IREF pin
100n
100µ
A
Summing Node Voltage
Internally preset; may be altered by user
0.46
0.5
0.54
V
Temperature Drift
–40
°C < T
A
< +85
°C
0.015
mV/
°C
Input Offset Voltage
VIN – VSUM , VIREF – VSUM
–20
+20
mV
LOGARITHMIC OUTPUT
VLOG (Pin 9)
190
200
210
mV/dec
Logarithmic Slope
–40
°C < T
A
< +85
°C
185
215
mV/dec
0.3
1
1.7
nA
Logarithmic Intercept2
–40
°C < T
A
< +85
°C
0.1
2.5
nA
Law Conformance Error
100 nA < IPD < 100 µA
0.1
0.4
dB
Wideband Noise3
IPD > 1 µA
0.7
µV/√Hz
Small-Signal Bandwidth3
IPD > 1 µA
0.7
MHz
Maximum Output Voltage
1.7
V
Minimum Output Voltage
Limited by VN = 0 V
0.01
V
Output Resistance
4.375
5
5.625
kΩ
REFERENCE OUTPUT
VREF (Pin 2)
2.435
2.5
2.565
V
Voltage wrt Ground
–40
°C < T
A
< +85
°C
2.4
2.6
V
Maximum Output Current
Sourcing (grounded load)
20
mA
Incremental Output Resistance
Load current < 10 mA
2
Ω
OUTPUT BUFFER
BFIN (Pin 10); SCAL (Pin 11); VOUT (Pin 12)
Input Offset Voltage
–20
+20
mV
Input Bias Current
Flowing out of Pin 10 or Pin 11
0.4
µA
Incremental Input Resistance
35
MΩ
Output Range
RL = 1 kΩ to ground
VP – 0.1
V
Incremental Output Resistance
Load current < 10 mA
0.5
Ω
Peak Source/Sink Current
50
mA
Small-Signal Bandwidth
GAIN = 1
15
MHz
Slew Rate
0.2 V to 4.8 V output swing
15
V/µs
POWER SUPPLY
VPOS (Pin 8); VNEG (Pin 6)
Positive Supply Voltage
(VP – VN )
≤ 11 V
3
5
5.5
V
Quiescent Current
5.4
6.6
mA
Negative Supply Voltage (Optional)
(VP – VN )
≤ 11 V
–5.5
0
V
1 Minimum and maximum specified limits on parameters that are guaranteed but not tested are six sigma values.
2 Other values of logarithmic intercept can be achieved by adjusting RREF.
3 Output noise and incremental bandwidth are functions of input current measured using the output buffer connected for GAIN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com