Electronic Components Datasheet Search
  English  ▼

X  

LT1996 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1996
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1996 Datasheet HTML 15Page - Linear Technology LT1996 Datasheet HTML 16Page - Linear Technology LT1996 Datasheet HTML 17Page - Linear Technology LT1996 Datasheet HTML 18Page - Linear Technology LT1996 Datasheet HTML 19Page - Linear Technology LT1996 Datasheet HTML 20Page - Linear Technology LT1996 Datasheet HTML 21Page - Linear Technology LT1996 Datasheet HTML 22Page - Linear Technology LT1996 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT1996
19
1996f
High Voltage CM Difference Amplifiers
This class of difference amplifier remains to be discussed.
Figure 14 shows the basic circuit on the top. The effective
input voltage range of the circuit is extended by the fact
that resistors RT attenuate the common mode voltage
seen by the op amp inputs. For the LT1996, the most
useful resistors for RG are the M9 and P9 50kΩ resistors,
because they do not have diode clamps to the supplies and
therefore can be taken outside the supplies. As before, the
input CM of the op amp is the limiting factor and is set by
the voltage at the op amp +input, VINT. By superposition
we can write:
VINT = VEXT • (RF||RT)/(RG + RF||RT) + VREF • (RG||RT)/
(RF + RG||RT) + VTERM • (RF||RG)/(RT + RF||RG)
Solving for VEXT:
VEXT = (1 + RG/(RF||RT)) • (VINT – VREF • (RG||RT)/
(RF + RG||RT) – VTERM • (RF||RG)/(RT + RF||RG))
Given the values of the resistors in the LT1996, this
equation has been simplified and evaluated, and the re-
sulting equations provided in Table 6. As before, substi-
tuting VCC – 1.2 and VEE + 1 for VLIM will give the valid
upper and lower common mode extremes respectively.
Following are sample calculations for the case shown in
Figure 14, right-hand side. Note that P81 and M81 are
terminated so row 3 of Table 6 provides the equation:
MAX VEXT = 91/9 • (VCC – 1.2V) – VREF/9 – 9 • VTERM
= (10.11) • (10.8) – 0.11(2.5) – 9(10) =
18.9V
and:
MIN VEXT = 91/9 • (VEE + 1V) – VREF/9 – 9 • VTERM
= (10.11)(1) – 0.11(2.5) – 9(10) = –80.2V
but this exceeds the 60V absolute maximum rating of the
P9, M9 pins, so –60V becomes the de facto negative
common mode limit. Several more examples of high CM
circuits are shown in Figures 15, 16, 17 for various
supplies.
Figure 14. Extending CM Input Range
4pF
4pF
–
+
RF
RG
RG
VIN
+
(= VEXT)
VIN
+
VIN
–
VIN
–
VOUT
VOUT
VOUT = GAIN • (VIN
+ – VIN–)
GAIN = RF/RG
–
+
1996 F14
450k
450k
8
7
4
6
5
9
10
1
2
3
LT1996
REF
HIGH CM VOLTAGE DIFFERENCE AMPLIFIER
INPUT CM TO OP AMP IS ATTENUATED BY
RESISTORS RT CONNECTED TO VTERM.
HIGH NEGATIVE CM VOLTAGE DIFFERENCE AMPLIFIER
IMPLEMENTED WITH LT1996.
RF = 450k, RG = 50k, RT 5.55k, GAIN = 9
VTERM = 10V = VCC = 12V, VREF = 2.5V, VEE = 0V.
RF
VCC
VEE
RT
RT
VTERM
VREF
INPUT CM RANGE
= –60V TO 18.9V
10V
12V
2.5V
450k/81
450k/27
450k/9
450k/81
450k/27
450k/9
4pF
4pF
Table 6. HighV CM Connections Giving Difference Gains
for the LT1996
Max, Min VEXT
Noise
(Substitute VCC – 1.2,
Gain
VIN+
VIN–
RT
Gain
VEE + 1 for VLIM)
9
P9
M9
10
10/9 • VLIM - VREF/9
9
P9
M9
P27, M27
37
37/9 • VLIM – VREF/9 – 3 • VTERM
9
P9
M9
P81, M81
91
91/9 • VLIM – VREF/9 – 9 • VTERM
9
P9
M9
P27||P81
118 118/9 • VLIM – VREF/9 – 12 • VTERM
M27||M81
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com