Electronic Components Datasheet Search
  English  ▼

X  

LT1996 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1996
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996 Datasheet(HTML) 4 Page - Linear Technology

  LT1996 Datasheet HTML 1Page - Linear Technology LT1996 Datasheet HTML 2Page - Linear Technology LT1996 Datasheet HTML 3Page - Linear Technology LT1996 Datasheet HTML 4Page - Linear Technology LT1996 Datasheet HTML 5Page - Linear Technology LT1996 Datasheet HTML 6Page - Linear Technology LT1996 Datasheet HTML 7Page - Linear Technology LT1996 Datasheet HTML 8Page - Linear Technology LT1996 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1996
4
1996f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆R
Resistor Matching (Note 9)
G = 81; LT1996AMS
●
±0.02
±0.05
%
G = 27; LT1996AMS
●
±0.03
±0.06
%
G = 9; LT1996AMS
●
±0.03
±0.07
%
G = 81; LT1996ADD
●
±0.02
±0.05
%
G = 27; LT1996ADD
●
±0.02
±0.07
%
G = 9; LT1996ADD
●
±0.03
±0.08
%
G = 81; LT1996
●
±0.04
±0.12
%
G = 27; LT1996
●
±0.04
±0.12
%
G = 9; LT1996
●
±0.04
±0.12
%
∆R/∆T
Resistor Temperature Coefficient (Note 6)
Resistor Matching
●
0.3
3
ppm/°C
Absolute Value
●
–30
ppm/°C
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±18V (Note 8)
●
105
135
dB
Minimum Supply Voltage
●
2.4
2.7
V
VOUT
Output Voltage Swing (to Either Rail)
No Load
VS = 5V, 0V
40
55
mV
VS = 5V, 0V
●
65
mV
VS = ±15V
●
110
mV
1mA Load
VS = 5V, 0V
150
225
mV
VS = 5V, 0V
●
275
mV
VS = ±15V
●
300
mV
ISC
Output Short-Circuit Current (Sourcing)
Drive Output Positive;
8
12
mA
Short Output to Ground
●
4mA
Output Short-Circuit Current (Sinking)
Drive Output Negative;
8
21
mA
Short Output to VS or Midsupply
●
4mA
BW
–3dB Bandwidth
G = 9
38
kHz
G = 27
17
kHz
G = 81
7
kHz
GBWP
Op Amp Gain Bandwidth Product
f = 10kHz
560
kHz
tr, tf
Rise Time, Fall Time
G = 9; 0.1V Step; 10% to 90%
8
µs
G = 81; 0.1V Step; 10% to 90%
40
µs
tS
Settling Time to 0.01%
G = 9; VS = 5V, 0V; 2V Step
85
µs
G = 9; VS = 5V, 0V; –2V Step
85
µs
G = 9; VS = ±15V; 10V Step
110
µs
G = 9; VS = ±15V; –10V Step
110
µs
SR
Slew Rate
VS = 5V, 0V; VOUT = 1V to 4V
●
0.06
0.12
V/µs
VS = ±15V; VOUT = ±10V
●
0.08
0.12
V/µs
IS
Supply Current
VS = 5V, 0V
100
110
µA
●
150
µA
VS = ±15V
130
160
µA
●
210
µA
Note 1: Absolute Maximum Ratings are those beyond which the life of the
device may be impaired.
Note 2: The P27/M27 and P81/M81 inputs are protected by ESD diodes to
the supply rails. If one of these four inputs goes outside the rails, the input
current should be limited to less than 10mA. The P9/M9 inputs can
withstand ±60V if P81/M81 are grounded and VS = ±15V (see Applications
Information section about “High Voltage CM Difference Amplifiers”).
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Difference amplifier configuration, VS = 5V, 0V or ±15V;
VCM = VREF = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com