Electronic Components Datasheet Search
  English  ▼

X  

1381 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 1381
Description  Powerpole® Connector PP180 - Up to 350 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1381 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  1381 Datasheet HTML 1Page - Anderson Power Products, Inc. 1381 Datasheet HTML 2Page - Anderson Power Products, Inc. 1381 Datasheet HTML 3Page - Anderson Power Products, Inc. 1381 Datasheet HTML 4Page - Anderson Power Products, Inc. 1381 Datasheet HTML 5Page - Anderson Power Products, Inc. 1381 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 53 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP180 Silver Plated Busbar Contacts
Use 1 busbar contacts per housing to provide a quick disconnect input or
output busbar connection. Busbar contacts are for mating with wire contacts
only. Part number 180BBS includes lock nuts. Locknuts must be ordered
separately for 180BBS-BK.
Mating
Thread
Force
Loose Piece Part Numbers
Minimum Quantity
1,000
120
10
Busbar 1/4-20
High
180BBS-BK
180BBS
-
Lock Nut 1/4-20
N/A
H1216P7
110G56
110G55
See Busbar contact drawing on
website for further detail.
[ 4.6 ]
0.18
[ N/A ]
1/4-20
[ 2.7 ]
0.50
[ 25.4 ]
1.0
[ 109.7 ]
4.3
25
50
75
100
125
0
50 100 150 200 250 300 350 400
PP180 Singlepole
Derating vs. Ambient Temperature
Amperes Applied
3/0 AWG
2/0 AWG
1/0 AWG
1 AWG
2 AWG
4 AWG
Amperes Applied
3/0 AWG
2/0 AWG
1/0 AWG
1 AWG
2 AWG
4 AWG
25
50
75
100
125
0
50 100 150 200 250 300 350 400
PP180 Multipole
Derating vs. Ambient Temperature
3/0 AWG
2/0 AWG
1/0 AWG
1 AWG
2 AWG
4 AWG
0
10
20
30
40
50
60
0
50 100 150 200 250 300 350
PP180 Singlepole
Temperature Rise at Constant Current
Amperes Applied
0
10
20
30
40
50
60
0
50 100 150 200 250 300 350
3/0 AWG
2/0 AWG
1/0 AWG
1 AWG
2 AWG
4 AWG
Amperes Applied
PP180 Multipole
Temperature Rise at Constant Current
Current - Temperature Derating per IEC 60512-5-2 Test 5B
PP180 CONNECTOR TEMPERATURE CHARTS - Temperaturerisechartsarebasedona25°C
ambient temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com