Electronic Components Datasheet Search
  English  ▼

X  

1381 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 1381
Description  Powerpole® Connector PP180 - Up to 350 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1381 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  1381 Datasheet HTML 1Page - Anderson Power Products, Inc. 1381 Datasheet HTML 2Page - Anderson Power Products, Inc. 1381 Datasheet HTML 3Page - Anderson Power Products, Inc. 1381 Datasheet HTML 4Page - Anderson Power Products, Inc. 1381 Datasheet HTML 5Page - Anderson Power Products, Inc. 1381 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- 52 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP180 ORDERING INFORMATION
Powerpole® Connector
PP180 - Up to 350 Amps
PP180 are the largest of the Powerpole® series
housings. They are designed to accommodate up to
3/0 (70 mm²) wires and handle high currents up to 350
amps. Busbar contacts are also available for power
inputs and takeoffs. Color-coded housings minimize
user confusion and the potential of cross mating circuits.
• Low Resistance Silver Plated Copper Contacts
Allows currents up to 350 amps
• UL Rated for Hot Plugging up to 75 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
• Busbar Contacts Work with Standard Housings
Provides a hot swappable quick disconnect system for
busbar power distribution
PP180 Housings
The largest Powerpole® housing can be used with wire
contacts for up to 3/0 AWG (85 mm²) or busbar contacts.
Description
Part Numbers
Minimum Quantity
250
50
Red
1381G3-BK
1381G3
Green
1381G4-BK
1381G4
Black
1381G1-BK
1381G1
White
1381G2-BK
1381G2
Blue
1381-BK
1381
PP180 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles. New contacts for 2/0 to 3/0 AWG
(70 to 85 mm²) offer extended capability in the same housings. See Reducing bushings in accessory section for smaller wires.
Dimensions
Mating
- A -
- B -
- C -
- D -
AWG mm²
Force
Loose Piece Part Numbers
inches mm
inches mm
inches mm
inches mm
Minimum Quantity
500
300
250
50
3/0
85
Low
-
-
1328G2-BK 1328G2 *
2.35
59.69
0.70
17.78
0.58
14.73
1.04
26.42
2/0
67.4
Low
-
1328G1-BK -
1328G1 *
2.35
59.69
0.64
16.26
0.49
12.45
1.04
26.42
1/0
53.5
High
1382-BK -
-
1382
2.35
59.69
0.52
13.21
0.44
11.18
1.04
26.42
1
42.4
High
1347-BK -
-
1347
2.35
59.69
0.52
13.21
0.39
9.91
1.04
26.42
2
33.6
High
1383-BK -
-
1383
2.35
59.69
0.52
13.21
0.35
8.89
1.04
26.42
4
21.1
High
1384-BK -
-
1384
2.35
59.69
0.52
13.21
0.30
7.62
1.04
26.42
6
13.3
High
1348-BK -
-
1348
2.10
53.34
0.37
9.40
0.22
5.59
0.80
20.32
* Extended range
[ 12.70 ]
050
B
A
D
C
[ 82.6 ]
3.25
[ 129.7 ]
5.5
[ 30.0 ]
1.18
[ 28.6 ]
1.13
[ 28.6 ]
1.13
Front View
Mated Length
Busbar
Housing & Wire Contact


Similar Part No. - 1381

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
1381 APP-1381 Datasheet
303Kb / 1P
SB® & Powerpole® Connectors
1381 APP-1381 Datasheet
2Mb / 12P
Rugged and Sealed (IP68) Plugs and Receptacles
REV 01
logo
CEE Norm UK Ltd
1381 CEENORM-1381 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1381-1 ETC2-1381-1 Datasheet
485Kb / 1P
MICRO PINS
logo
Molex Electronics Ltd.
1381-A MOLEX1-1381-A Datasheet
121Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1381,Female, with Selective Gold (Au) Plated Brass Contact, 18-22 AWG, Reel
More results

Similar Description - 1381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
SB350 APP-SB350_V01 Datasheet
151Kb / 2P
SB® 350 Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com