Electronic Components Datasheet Search
  English  ▼

X  

MCP16501 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 27Page - Microchip Technology MCP16501 Datasheet HTML 28Page - Microchip Technology MCP16501 Datasheet HTML 29Page - Microchip Technology MCP16501 Datasheet HTML 30Page - Microchip Technology MCP16501 Datasheet HTML 31Page - Microchip Technology MCP16501 Datasheet HTML 32Page - Microchip Technology MCP16501 Datasheet HTML 33Page - Microchip Technology MCP16501 Datasheet HTML 34Page - Microchip Technology MCP16501 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 31
MCP16501
Cycle-by-cycle overcurrent protection with frequency
foldback is always active and it is the first current limit
protection mechanism.
The second current limit mechanism is Hiccup mode
protection, which is also always enabled, including
during the soft start ramp.
Since the Hiccup mode protection is also active during
soft start, there will be a limitation on the maximum
simultaneous DC and capacitive loading to ensure that
the Hiccup mode protection will not be engaged during
the soft start ramp. This is further explained in
Section 5.5 “Maximum Simultaneous Capacitive
and DC Loading in Soft Start”.
Hiccup mode is invoked based on digital counting of
High-Side Overcurrent (HS OC) events, regardless of
the frequency at which they take place (full switching
frequency or foldback switching frequency).
Each time the overcurrent protection detects a
high-side current limit event, the current on-time is
terminated and a HS OC event counter is incremented.
The length of the counter is four bits.
If the counter reaches its End-of-Count (EOC) while the
instantaneous value of the POK signal is still low, the
Buck converter is turned off (both high-side and
low-side transistors are turned off) and Hiccup mode
protection is triggered.
The intervention of Hiccup mode on any of the Buck
channels can have two different behaviors, depending
on the HCPEN status of the channel affected by overcur-
rent conditions. By default all device options of the
MCP16501 come with HCPEN enabled, with the excep-
tion of MCP16501D.
If HCPEN is disabled, the intervention of Hiccup mode
will immediately terminate the power delivery on all
channels, including LDO. At the same time, nRSTO will
be asserted low.
After a 100 ms delay, the MCP16501D will automati-
cally attempt a new start-up sequence without the need
of an external Start condition (from nSTRT or
PWRHLD).
If HCPEN is enabled, the intervention of Hiccup mode
only affects the responsible Buck channel. All other
channels will continue to operate normally. If the
affected channel is part of the power-up sequence,
nRSTO will be asserted low.
The affected channel will be kept off for a certain
Hiccup time (tHICCUP), which corresponds to 3x soft
start time on that channel, and after the Hiccup time, a
new soft start is attempted.
If the short-circuit condition is removed and the affected
channel resumes normal operation, nRSTO will be
asserted high after the Reset delay (t4).
The HS OC event counter is reset only after
15 consecutive HS turn-on pulses without any
overcurrent event. This counting is done by the Reset
counter.
Note that all counting is switching event-based, so it is
not relevant if the switching takes place at fsw or at fsw/4
(i.e., in frequency foldback).
The Hiccup mode flowchart is detailed in Figure 5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com