Electronic Components Datasheet Search
  English  ▼

X  

MCP16501 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 29Page - Microchip Technology MCP16501 Datasheet HTML 30Page - Microchip Technology MCP16501 Datasheet HTML 31Page - Microchip Technology MCP16501 Datasheet HTML 32Page - Microchip Technology MCP16501 Datasheet HTML 33Page - Microchip Technology MCP16501 Datasheet HTML 34Page - Microchip Technology MCP16501 Datasheet HTML 35Page - Microchip Technology MCP16501 Datasheet HTML 36Page - Microchip Technology MCP16501 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 33
MCP16501
5.4.2
PWM MODE NEGATIVE CURRENT
LIMIT PROTECTION (BUCK
CHANNELS)
The Buck channels of the MCP16501 also feature a
negative inductor current limit protection when operat-
ing in Forced PWM mode. This prevents dangerous
current levels in the power train. If the inductor current
reaches the low-side Negative Peak Current Limit
(ILIM_NEGx) while the low-side MOSFET is conducting,
the low-side MOSFET is turned off and the inductor
current is pushed to the input voltage, either through
the body diode of the high-side MOSFET (if off) or its
channel (when turned on by the control loop). The
intervention of this protection does not cause the asser-
tion of the nRSTO (Reset) signal.
This protection should never be exercised continuously
and/or without a large input bulk capacitor, because it
may quickly destroy the device.
When this protection is engaged, energy is pumped
back from the output into the input voltage. If the input
supply has no sinking capability and/or the input bulk
decoupling cap is not large enough, the input voltage
will rise to the point where the device is permanently
damaged.
5.4.3
LDO CURRENT LIMIT PROTECTION
The LDO is protected against short circuit by a linear
constant-voltage/constant-current (i.e., brick wall) output
characteristic. The output current under short-circuit
conditions is not intermittent. Therefore, the internal
power dissipation in the MCP16501 can reach high
levels under LDO short-circuit conditions. The interven-
tion of the LDO current limit protection by itself does not
cause the assertion of the nRSTO (Reset) signal.
5.5
Maximum Simultaneous
Capacitive and DC Loading in
Soft Start
The Current-mode architecture of the Buck channels in
the MCP16501 make them tolerant to additional
capacitive loads from the stability point of view.
However, since the Hiccup mode overcurrent protection
is also enabled during soft start, the user needs to be
aware that additional load capacitance, distributed on
the application board, may cause the intervention of the
Hiccup mode protections under dynamic conditions (ris-
ing output voltage).
This is especially important for Buck1 since the I/O rail
(typically 3.3V) can be used for a wide variety of loads and
its total distributed capacitive load could significantly
exceed the minimum recommended nominal capacitance
value (i.e., 22 µF).
Using the symbols listed in the “AC/DC Characteristics”
table, Equation 5-1 establishes the maximum allowable
capacitive load, Cadd_max, to prevent the cycle-by-cycle
current limit from being engaged.
Complying with this condition will ensure that Hiccup
mode overcurrent protection will not be activated
during the soft start ramp.
Failing to comply with the condition formulated below
does not necessarily mean that Hiccup mode
protection will be engaged. The digital filtering provided
in the Hiccup mode overcurrent algorithm, as described
in Section 5.4.1 “Overcurrent Protection (Buck
Channels)”, provides immunity to single, and even
multiple cycle-by-cycle current limit events and allows
operation in proximity of the high-side current limit for a
significant amount of time during the soft start.
EQUATION 5-1:
As a consequence, the maximum value of additional
capacitance, Cadd_max, that can be observed by
experiments is significantly higher than the limit
calculated with the aforementioned formula.
Cadd_max
ILIM_HS
r
-------------------- I
OUT
–


1
SSR
---------- C
OUT
–
⋅
=
Where:
ILIM_HS = High-Side MOSFET Current Limit
r = Ratio of the peak inductor current,
ILpk, to average inductor current at
the point where ILpk =ILIM_HS. For
simplicity, assume r = 1 since the
peak-to-peak inductor current ripple
will be small in comparison to the
average inductor current value when
the high-side current limit is engaged.
IOUT = Output Current of the Buck Converter
SSR = Soft Start Rate
COUT = Output capacitance already present
on the Buck converter output
(typically, COUT =22 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com