Electronic Components Datasheet Search
  English  ▼

X  

FM25CL64 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM25CL64
Description  VersaKit-30xx Development System Overview
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM25CL64 Datasheet HTML 1Page - Ramtron International Corporation FM25CL64 Datasheet HTML 2Page - Ramtron International Corporation FM25CL64 Datasheet HTML 3Page - Ramtron International Corporation FM25CL64 Datasheet HTML 4Page - Ramtron International Corporation FM25CL64 Datasheet HTML 5Page - Ramtron International Corporation FM25CL64 Datasheet HTML 6Page - Ramtron International Corporation FM25CL64 Datasheet HTML 7Page - Ramtron International Corporation FM25CL64 Datasheet HTML 8Page - Ramtron International Corporation FM25CL64 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
VersaKit-30xx
1 VersaKit-30xx Development System Overview
The VersaKit-30xx development kit is a plug-and-play evaluation system for the VRS51L3xxx series of high performance,
fully-integrated, FRAM-Enhanced™ 8051 microcontrollers. The VersaKit-30xx provides a complete and comprehensive
programming and development platform, with ample prototyping space and easy access to chip peripherals and I/Os.
The VersaKit-30xx development system features:
•
VRS51L3074 in QFP-64 package soldered onboard (contact Ramtron for details on the
VRS51L3174 in QFP-44 package
and the VRS51L2070)
•
FM31xx MCU companion, FM25xx SPI FRAM and FM24xx I²C FRAM devices installed
•
5x2 header to connect VJTAG-USB programming/debugging interface
•
2 DB9 serial port female connectors and 1 onboard RS-232 transceiver with configuration jumper
•
Tact switches for manual reset and external interrupt of the processor
•
Four sets of 16 probing points around VRS51L3074 device
•
22x2 header alongside prototyping area to access QFP-44 device pins (header pin number corresponds to device
pin number)
•
32x2 header alongside prototyping area to access QFP-64 device pins (header pin number corresponds to the
device pin number)
•
Prototyping space
•
Character LCD interface header footprint
•
External crystal footprint
•
8 uncommitted user LEDs
•
Onboard 3.3V regulator with power-on LED
•
Optional regulator footprint
1.1 The VersaKit-30xx content:
o
Development board that supports the VRS51L3074
(or the VRS51L2070)
o
VJTAG-USB programming/debugging interface
o
USB Cable
o
6V Power supply
Figure 1: VersaKit-30xx
_______________________________________________________________________________________________
www.ramtron.com
page 2 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com